Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5132-ROTUL Datasheet(PDF) 12 Page - ATMEL Corporation

Part # AT89C5132-ROTUL
Description  USB Microcontroller with 64K Bytes Flash Memory
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5132-ROTUL Datasheet(HTML) 12 Page - ATMEL Corporation

Back Button AT89C5132-ROTUL Datasheet HTML 8Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 9Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 10Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 11Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 12Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 13Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 14Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 15Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 16Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 182 page
background image
12
4173E–USB–09/07
AT89C5132
6.
Clock Controller
The AT89C5132 clock controller is based on an on-chip oscillator feeding an on-chip Phase
Lock Loop (PLL). All internal clocks to the peripherals and CPU core are generated by this
controller.
6.1
Oscillator
The AT89C5132 X1 and X2 pins are the input and the output of a single-stage on-chip inverter
(see Figure 6-1) that can be configured with off-chip components such as a Pierce oscillator
(see Figure 6-2). Value of capacitors and crystal characteristics are detailed in the Section “DC
Characteristics”.
The oscillator outputs three different clocks: a clock for the PLL, a clock for the CPU core, and a
clock for the peripherals as shown in Figure 6-1. These clocks are either enabled or disabled,
depending on the power reduction mode as detailed in the section“Power Management” on
page 44. The peripheral clock is used to generate the Timer 0, Timer 1, MMC, ADC, SPI, and
Port sampling clocks.
Figure 6-1.
Oscillator Block Diagram and Symbol
Figure 6-2.
Crystal Connection
6.2
X2 Feature
Unlike standard C51 products that require 12 oscillator clock periods per machine cycle, the
AT89C5132 needs only 6 oscillator clock periods per machine cycle. This feature called the “X2
feature” can be enabled using the X2 bit(1) in CKCON (see Table 1) and allows the AT89C5132
to operate in 6 or 12 oscillator clock periods per machine cycle. As shown in Figure 6-1, both
CPU and peripheral clocks are affected by this feature. Figure 6-3 shows the X2 mode switching
waveforms. After reset, the standard mode is activated. In standard mode, the CPU and periph-
X1
X2
PD
PCON.1
IDL
PCON.0
Peripheral
CPU Core
0
1
X2
CKCON.0
÷ 2
PER
CLOCK
Clock
Clock
Peripheral Clock Symbol
CPU
CLOCK
CPU Core Clock Symbol
OSC
CLOCK
Oscillator Clock Symbol
Oscillator
Clock
VSS
X1
X2
Q
C1
C2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com