Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5132-ROTUL Datasheet(PDF) 10 Page - ATMEL Corporation

Part # AT89C5132-ROTUL
Description  USB Microcontroller with 64K Bytes Flash Memory
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5132-ROTUL Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button AT89C5132-ROTUL Datasheet HTML 6Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 7Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 8Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 9Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 10Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 11Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 12Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 13Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 182 page
background image
10
4173E–USB–09/07
AT89C5132
4.2
Internal Pin Structure
Table 15. Detailed Internal Pin Structure
Notes:
1. For information on resistors value, input/output levels, and drive capability, refer to the
Section “DC Characteristics”, page 183.
2. When the Two Wire controller is enabled, P1, P2, and P3 transistors are disabled allowing
pseudo open-drain structure.
3. In Port 2, P1 transistor is continuously driven when outputting a high level bit address (A15:8).
Circuit(1)
Type
Pins
Input
TST
Input/Output
RST
Input/Output
P1(2)
P2(3)
P3
P4
P53:0
Input/Output
P0
MCMD
MDAT
ISP
PSEN
Output
ALE
SCLK
DCLK
DOUT
DSEL
MCLK
Input/Output
D+
D-
VDD
VSS
P
VDD
Watchdog Output
P3
VSS
N
P1
VDD
VDD
2 osc
Latch Output
periods
P2
VDD
VSS
N
P
VDD
VSS
N
P
VDD
D+
D-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com