Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5132-ROTUL Datasheet(PDF) 15 Page - ATMEL Corporation

Part # AT89C5132-ROTUL
Description  USB Microcontroller with 64K Bytes Flash Memory
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5132-ROTUL Datasheet(HTML) 15 Page - ATMEL Corporation

Back Button AT89C5132-ROTUL Datasheet HTML 11Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 12Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 13Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 14Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 15Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 16Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 17Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 18Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 19Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 182 page
background image
15
4173E–USB–09/07
AT89C5132
CKCON (S:8Fh) – Clock Control Register
Reset Value = 0000 000Xb
Table 2. PLLNDIV Register
PLLNDIV (S:EEh) – PLL N Divider Register
Reset Value = 0000 0000b
7
6
5
4
3
2
1
0
TWIX2
WDX2
-
SIX2
-
T1X2
T0X2
X2
Bit Number
Bit
Mnemonic
Description
7
TWIX2
Two-Wire Clock Control Bit
Set to select the oscillator clock divided by 2 as TWI clock input (X2 independent).
Clear to select the peripheral clock as TWI clock input (X2 dependent).
6
WDX2
Watchdog Clock Control Bit
Set to select the oscillator clock divided by 2 as watchdog clock input (X2 independent).
Clear to select the peripheral clock as watchdog clock input (X2 dependent).
5
-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
4
SIX2
Enhanced UART Clock (Mode 0 and 2) Control Bit
Set to select the oscillator clock divided by 2 as UART clock input (X2 independent).
Clear to select the peripheral clock as UART clock input (X2 dependent)..
3
-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
2
T1X2
Timer 1 Clock Control Bit
Set to select the oscillator clock divided by two as Timer 1 clock input (X2 independent).
Clear to select the peripheral clock as Timer 1 clock input (X2 dependent).
1
T0X2
Timer 0 Clock Control Bit
Set to select the oscillator clock divided by two as timer 0 clock input (X2 independent).
Clear to select the peripheral clock as timer 0 clock input (X2 dependent).
0
X2
System Clock Control Bit
Clear to select 12 clock periods per machine cycle (STD mode, FCPU = FPER = FOSC/2).
Set to select 6 clock periods per machine cycle (X2 mode, F
CPU = FPER = FOSC).
7
6
5
4
3
2
1
0
-
N6
N5
N4
N3
N2
N1
N0
Bit Number
Bit
Mnemonic
Description
7
-
Reserved
The value read from this bit is always 0. Do not set this bit.
6-0
N6:0
PLL N Divider
7-bit N divider.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com