Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5132-ROTUL Datasheet(PDF) 68 Page - ATMEL Corporation

Part # AT89C5132-ROTUL
Description  USB Microcontroller with 64K Bytes Flash Memory
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5132-ROTUL Datasheet(HTML) 68 Page - ATMEL Corporation

Back Button AT89C5132-ROTUL Datasheet HTML 64Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 65Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 66Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 67Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 68Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 69Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 70Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 71Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 72Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 182 page
background image
68
4173E–USB–09/07
AT89C5132
15.1
Description
The USB device controller provides the hardware that the AT89C5132 need to interface a USB
link to data flow stored in a double port memory.
It requires a 48 MHz reference clock provided by the clock controller as detailed in Section
"Clock Controller", page 68. This clock is used to generate a 12 MHz Full Speed bit clock from
the received USB differential data flow and to transmit data according to full speed USB device
tolerance. Clock recovery is done by a Digital Phase Locked Loop (DPLL) block.
The Serial Interface Engine (SIE) block performs NRZI encoding and decoding, bit stuffing, CRC
generation and checking, and the serial-parallel data conversion.
The Universal Function Interface (UFI) controls the interface between the data flow and the Dual
Port RAM, but also the interface with the C51 core itself.
Figure 15-3 shows how to connect the AT89C5132 to the USB connector. D+ and D- pins are
connected through 2 termination resistors. A pull-up resistor is implemented on D+ to inform the
host of a full speed device connection. Value of these resistors is detailed in the section “DC
Characteristics”.
Figure 15-1. USB Device Controller Block Diagram
Figure 15-2. USB Connection
15.1.1
Clock Controller
The USB controller clock is generated by division of the PLL clock. The division factor is given by
USBCD1:0 Bits in USBCLK register (see Table 70). Figure 15-3 shows the USB controller clock
USB
CLOCK
48 MHz
12 MHz
D+
D-
DPLL
SIE
UFI
USB
Buffer
To/From
C51 Core
D+
D-
VBUS
GND
D+
D-
VSS
To Power
RUSB
R
USB
VDD
Supply
RFS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com