Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5132-ROTUL Datasheet(PDF) 23 Page - ATMEL Corporation

Part # AT89C5132-ROTUL
Description  USB Microcontroller with 64K Bytes Flash Memory
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5132-ROTUL Datasheet(HTML) 23 Page - ATMEL Corporation

Back Button AT89C5132-ROTUL Datasheet HTML 19Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 20Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 21Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 22Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 23Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 24Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 25Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 26Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 27Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 182 page
background image
23
4173E–USB–09/07
AT89C5132
The next 16 Bytes above the register banks form a block of bit-addressable memory space. The
C51 instruction set includes a wide selection of single-bit instructions, and the 128 Bits in this
area can be directly addressed by these instructions. The bit addresses in this area are 00h to
7Fh.
Figure 8-2.
Lower 128 Bytes Internal RAM Organization
8.1.2
Upper 128 Bytes RAM
The upper 128 Bytes of RAM are accessible from address 80h to FFh using only indirect
addressing mode.
8.1.3
Expanded RAM
The on-chip 2K Bytes of expanded RAM (ERAM) are accessible from address 0000h to 07FFh
using indirect addressing mode through MOVX instructions. In this address range, EXTRAM bit
in AUXR register (see Table 14) is used to select the ERAM (default) or the XRAM. As shown in
Figure 8-1 when EXTRAM = 0, the ERAM is selected and when EXTRAM = 1, the XRAM is
selected, See “External Space” on page 23.
The ERAM memory can be resized using XRS1:0 Bits in AUXR register to dynamically increase
external access to the XRAM space. Table 11 details the selected ERAM size and address
range.
Table 11. ERAM Size Selection
Note:
Lower 128 Bytes RAM, Upper 128 Bytes RAM, and expanded RAM are made of volatile memory
cells. This means that the RAM content is indeterminate after power-up and must then be initial-
ized properly.
8.2
External Space
8.2.1
Memory Interface
The external memory interface comprises the external bus (port 0 and port 2) as well as the bus
control signals (RD, WR, and ALE).
Bit-Addressable Space
4 Banks of
8 Registers
R0 - R7
30h
7Fh
(Bit Addresses 0 - 7Fh)
20h
2Fh
18h
1Fh
10h
17h
08h
0Fh
00h
07h
XRS1
XRS0
ERAM Size
Address
0
0
256 Bytes
0 to 00FFh
0
1
512 Bytes
0 to 01FFh
1
0
1K Byte
0 to 03FFh
1
1
2K Bytes
0 to 07FFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com