Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5132-ROTUL Datasheet(PDF) 101 Page - ATMEL Corporation

Part # AT89C5132-ROTUL
Description  USB Microcontroller with 64K Bytes Flash Memory
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5132-ROTUL Datasheet(HTML) 101 Page - ATMEL Corporation

Back Button AT89C5132-ROTUL Datasheet HTML 97Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 98Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 99Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 100Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 101Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 102Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 103Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 104Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 105Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 182 page
background image
101
4173E–USB–09/07
AT89C5132
Reset Value = 0000 0011b
Table 83. MMMSK Register
MMMSK (S:DFh) – MMC Interrupt Mask Register
6
EORI
End of Response Interrupt Flag
Set by hardware at the end of response reception.
Cleared when reading MMINT.
5
EOCI
End of Command Interrupt Flag
Set by hardware at the end of command transmission.
Clear when reading MMINT.
4
EOFI
End of Frame Interrupt Flag
Set by hardware at the end of frame (stream or block) transfer.
Clear when reading MMINT.
3
F2FI
FIFO 2 Full Interrupt Flag
Set by hardware when second FIFO becomes full.
Cleared by hardware when second FIFO becomes empty.
2
F1FI
FIFO 1 Full Interrupt Flag
Set by hardware when first FIFO becomes full.
Cleared by hardware when first FIFO becomes empty.
1
F2EI
FIFO 2 Empty Interrupt Flag
Set by hardware when second FIFO becomes empty.
Cleared by hardware when second FIFO becomes full.
0
F1EI
FIFO 1 Empty Interrupt Flag
Set by hardware when first FIFO becomes empty.
Cleared by hardware when first FIFO becomes full.
7
6
5
4
3
2
1
0
MCBM
EORM
EOCM
EOFM
F2FM
F1FM
F2EM
F1EM
Bit
Number
Bit
Mnemonic Description
7
MCBM
MMC Card Busy Interrupt Mask Bit
Set to prevent MCBI flag from generating an MMC interrupt.
Clear to allow MCBI flag to generate an MMC interrupt.
6
EORM
End Of Response Interrupt Mask Bit
Set to prevent EORI flag from generating an MMC interrupt.
Clear to allow EORI flag to generate an MMC interrupt.
5
EOCM
End Of Command Interrupt Mask Bit
Set to prevent EOCI flag from generating an MMC interrupt.
Clear to allow EOCI flag to generate an MMC interrupt.
4
EOFM
End Of Frame Interrupt Mask Bit
Set to prevent EOFI flag from generating an MMC interrupt.
Clear to allow EOFI flag to generate an MMC interrupt.
3
F2FM
FIFO 2 Full Interrupt Mask Bit
Set to prevent F2FI flag from generating an MMC interrupt.
Clear to allow F2FI flag to generate an MMC interrupt.
Bit
Number
Bit
Mnemonic Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com