Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5132-ROTUL Datasheet(PDF) 156 Page - ATMEL Corporation

Part # AT89C5132-ROTUL
Description  USB Microcontroller with 64K Bytes Flash Memory
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5132-ROTUL Datasheet(HTML) 156 Page - ATMEL Corporation

Back Button AT89C5132-ROTUL Datasheet HTML 152Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 153Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 154Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 155Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 156Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 157Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 158Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 159Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 160Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 182 page
background image
156
4173E–USB–09/07
AT89C5132
Figure 23-2. IDL Test Condition, Idle Mode
Figure 23-3. IPD Test Condition, Power-Down Mode
23.2.3
A-to-D Converter
Table 104. A-to-D Converter DC Characteristics
VDD = 2.7 to 3.3V , TA = -40 to +85°C
X2
VDD
Clock Signal
RST
VSS
TST
X1
P0
(NC)
IDL
All other pins are unconnected
VSS
VDD
VSS
VDD
PVDD
UVDD
AVDD
PVSS
UVSS
AVSS
RST
MCMD
P0
All other pins are unconnected
VSS
VDD
TST
MDAT
VDD
I
PD
VDD
PVDD
UVDD
AVDD
X2
VSS
X1
(NC)
VSS
PVSS
UVSS
AVSS
Symbol
Parameter
Min
Typ
Max
Units
Test Conditions
AV
DD
Analog Supply Voltage
2.7
3.3
V
AIDD
Analog Operating Supply Current
600
µ
A
AV
DD = 3.3V
AIN1:0 = 0 to AV
DD
AI
PD
Analog Standby Current
2
µ
A
A
VDD = 3.3V
ADEN = 0 or PD = 1
AVIN
Analog Input Voltage
AVSS
A
VDD
V
AV
REF
Reference Voltage
A
REFN
A
REFP
AV
SS
2.4
A
VDD
V
V
R
REF
AREF Input Resistance
10
30
kΩ
T
A = 25°C
C
IA
Analog Input capacitance
10
pF
T
A = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com