Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5132-ROTUL Datasheet(PDF) 177 Page - ATMEL Corporation

Part # AT89C5132-ROTUL
Description  USB Microcontroller with 64K Bytes Flash Memory
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5132-ROTUL Datasheet(HTML) 177 Page - ATMEL Corporation

Back Button AT89C5132-ROTUL Datasheet HTML 173Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 174Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 175Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 176Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 177Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 178Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 179Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 180Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 181Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 182 page
background image
177
4173E–USB–09/07
AT89C5132
26. Datasheet Revision History for AT89C5132
26.1
Changes from 4173A-08/02 to 4173B-03/04
1.
Suppression of ROM product version.
2.
Suppression of TQFP64 package.
26.2
Changes from 4173B-03/04 - 4173C - 07/04
1.
Add USB connection schematic in USB section.
2.
Add USB termination characteristics in DC Characteristics section.
3.
Page access mode clarification in Data Memory section.
26.3
Changes from 4173C-07/04 - 4173D - 01/05
1.
Interrupt priority number clarification to match number defined by development tools.
26.4
Changes from to 4317D - 01/05 to 4173E - 09/07
1.
Added green product ordering information.
2.
Removed ‘Preliminary’ status. Product now fully Industrialised.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com