Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4974 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TS4974
Description  1W differential audio power amplifier with up/down digital volume control pins
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4974 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TS4974 Datasheet HTML 2Page - STMicroelectronics TS4974 Datasheet HTML 3Page - STMicroelectronics TS4974 Datasheet HTML 4Page - STMicroelectronics TS4974 Datasheet HTML 5Page - STMicroelectronics TS4974 Datasheet HTML 6Page - STMicroelectronics TS4974 Datasheet HTML 7Page - STMicroelectronics TS4974 Datasheet HTML 8Page - STMicroelectronics TS4974 Datasheet HTML 9Page - STMicroelectronics TS4974 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
Electrical characteristics
TS4974
6/25
Table 5.
VCC = +3.3 V, GND = 0 V, Tamb = 25° C (unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
ICC
Supply current
No input signal, no load
3.0
3.6
mA
ISTBY
Standby current
No input signal, VSTBY = GND, RL = 8 Ω
260
2000
nA
IU/D
Volume control UP/DOWN current
0
≤VU/D ≤ 0.3 VCC
10
μA
Voo
Output offset voltage
No input signal, RL = 8 Ω, G= 0 dB, floating inputs
520
mV
Po
Output power
THD = 1% max, f = 1 kHz, RL = 8 Ω
300
380
mW
THD + N
Total harmonic distortion + noise
Po = 500 mW rms,
20 Hz < F < 20 kHz, RL = 8 Ω, G = 0 dB, Cb= 1 µF, Cin = 330 nF
0.5
%
PSRR
Power supply rejection ratio(1)
F = 217 Hz, RL = 8 Ω
Vripple = 200 mVpp, input grounded, Cb = 1 µF, Cin= 330 nF, G = 0 dB
85
dB
CMRR
Common mode rejection ratio(2)
F = 217 Hz, RL = 8 Ω,
Vincm = 200 mVpp, Cb = 1 µF, Cin = 330nF, G = 0dB
61
dB
SNR
Signal-to-noise ratio (weighted A, G= 0 dB)
(RL = 8 Ω, THD + N ≤ 0.5%, 20 Hz < F < 20 kHz)
100
dB
Gs
Start up gain (
when powered up from VCC - See Section 4.9:
Volume setting on page 20)
-12
dB
G
Gain range
-33
+12
dB
Gain step
size
3dB
Gain
accuracy
Tolerance between theoretical gain set and real gain
-1
+1
dB
twu
Wake-up time
Cb= 1 µF
10
ms
VN
Output voltage noise F = 20 Hz to 20 kHz, RL = 8 Ω, G = 0 dB
Unweighted
A-weighted
21
14
µVRMS
Zin
Differential input impedance
48
60
75
k
Ω
tdebounce Debouncing time
10
ms
tautorepeat Time between volume changes
220
ms
trange
During autorepeat mode, necessary time to cover the whole gain
range
3200
ms
1.
Dynamic measurements - 20*log(rms(Vout)/rms(Vripple)). Vripple is an added sinus signal to VCC @ F = 217 Hz.
2.
Dynamic measurements - 20*log(rms(Vout)/rms(Vincm)).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com