Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4974 Datasheet(PDF) 16 Page - STMicroelectronics

Part # TS4974
Description  1W differential audio power amplifier with up/down digital volume control pins
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4974 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button TS4974 Datasheet HTML 12Page - STMicroelectronics TS4974 Datasheet HTML 13Page - STMicroelectronics TS4974 Datasheet HTML 14Page - STMicroelectronics TS4974 Datasheet HTML 15Page - STMicroelectronics TS4974 Datasheet HTML 16Page - STMicroelectronics TS4974 Datasheet HTML 17Page - STMicroelectronics TS4974 Datasheet HTML 18Page - STMicroelectronics TS4974 Datasheet HTML 19Page - STMicroelectronics TS4974 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
Application information
TS4974
16/25
4
Application information
4.1
Differential configuration principle
The TS4974 is a monolithic full-differential input/ output power amplifier with a digital volume
control. It has an internal gain range of -33 dB up to +12 dB, by steps of 3dB (see
Section 4.9: Volume setting on page 20), which offers better performance in terms of noise
immunity and PSRR.
The advantages of a full-differential amplifier are:
●
Very high PSRR (power supply rejection ratio).
●
High common mode noise rejection.
●
Virtually zero pop without additional circuitry, giving a faster start-up time compared to
conventional single-ended input amplifiers.
●
Easier interfacing with differential output audio DAC.
In theory, the filtering of the internal bias by an external bypass capacitor is not necessary.
But, to reach maximum performance in all tolerance situations, it is better to keep this
option.
4.2
Low frequency response
The input coupling capacitors block the DC part of the input signal at the amplifier inputs.
Input capacitors Cin and input impedance Zin forms a first-order, high pass filter with -3 dB
cut-off frequency.
Note:
Differential input impedance of 60 k
Ω is a typical value, and there is tolerance around this
value.
From Figure 39 you can easily establish the Cin value required for a cut-off frequency of
-3 dB.
Figure 39.
-3dB lower cut-off frequency vs. input capacitance
)
Hz
(
C
R
2
1
F
in
in
CL
×
×
π
×
=
0.5
1
10
100
Typical Input
Impedance
Maximum Input
Impedance
Minimum Input
Impedance
All gain setting
Tamb=25
°C
Input Capacitor Cin (
μF)
0.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com