Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4974 Datasheet(PDF) 20 Page - STMicroelectronics

Part # TS4974
Description  1W differential audio power amplifier with up/down digital volume control pins
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4974 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button TS4974 Datasheet HTML 16Page - STMicroelectronics TS4974 Datasheet HTML 17Page - STMicroelectronics TS4974 Datasheet HTML 18Page - STMicroelectronics TS4974 Datasheet HTML 19Page - STMicroelectronics TS4974 Datasheet HTML 20Page - STMicroelectronics TS4974 Datasheet HTML 21Page - STMicroelectronics TS4974 Datasheet HTML 22Page - STMicroelectronics TS4974 Datasheet HTML 23Page - STMicroelectronics TS4974 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
Application information
TS4974
20/25
4.7
Pop performance
Due to its fully differential structure, the pop performance of the TS4974 is close to perfect.
However, due to mismatching between internal resistors Rin, Rfeed, and external input
capacitors Cin, some noise might remain at startup. To eliminate the effect of mismatched
components, the TS4974 includes pop reduction circuitry. With this circuitry, the TS4974 is
close to zero pop for all possible common applications.
In addition, when the TS4974 is in standby mode, due to the high impedance output stage in
this configuration, no pop is heard.
4.8
Single-ended input configuration
It is possible to use the TS4974 in a single-ended input configuration. The schematic in
Figure 41 shows an example of this configuration.
Figure 41.
Typical single-ended input application
4.9
Volume setting
The TS4974 features a digital volume control with an internal gain range of -33 dB up to
+12 dB, by steps of 3 dB. When the device is powered up from VCC (and not from the
standby pin), an initial gain of -12dB is internally fixed. When standby mode is activated, the
gain value is memorized and held until standby is released.
Cin1
330nF
Cin2
330nF
P1
Vin
Cb
1µF
VCC
Cs
1µF
STBY control
Speaker
8 Ohms
S1
Volume DOWN
S2
Volume UP
470k
Rpd1
470k
Rpd1
470k
Rpu1
470k
Rpu2
VCC
VCC
DIGITAL VOLUME
CONTROL
BIAS
STBY
+
1
2
3
9
8
Vin-
Vin+
BYP ASS
STBY
Vout-
Vout+
U1
TS4974 DFN10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com