Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4974 Datasheet(PDF) 22 Page - STMicroelectronics

Part # TS4974
Description  1W differential audio power amplifier with up/down digital volume control pins
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4974 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button TS4974 Datasheet HTML 17Page - STMicroelectronics TS4974 Datasheet HTML 18Page - STMicroelectronics TS4974 Datasheet HTML 19Page - STMicroelectronics TS4974 Datasheet HTML 20Page - STMicroelectronics TS4974 Datasheet HTML 21Page - STMicroelectronics TS4974 Datasheet HTML 22Page - STMicroelectronics TS4974 Datasheet HTML 23Page - STMicroelectronics TS4974 Datasheet HTML 24Page - STMicroelectronics TS4974 Datasheet HTML 25Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
Application information
TS4974
22/25
4.10
Notes on PSRR measurement
What is the PSRR?
The PSRR is the power supply rejection ratio. The PSRR of a device is the ratio between a
power supply disturbance and the result on the output. In other words, the PSRR is the
ability of a device to minimize the impact of power supply disturbance to the output.
How is the PSRR measured?
The PSRR is measured as shown in Figure 43.
Figure 43.
PSRR measurement
Principles of operation
●
The DC voltage supply (VCC) is fixed
●
The AC sinusoidal ripple voltage (Vripple) is fixed
●
No bypasss capacitor Cs is used
The PSRR value for each frequency is calculated as:
RMS is an rms selective measurement.
Cin1
330nF
Cin2
330nF
Cb
1µF
STBY control
Vcc
Vripple
8 Ohms
RL
10 Ohms
10 Ohms
S1
Volume DOWN
S2
Volume UP
470k
Rpd1
470k
Rpd1
470k
Rpu1
470k
Rpu2
VCC
VCC
DIGITAL VOLUME
CONTROL
BIAS
STBY
+
1
2
3
9
8
Vin-
Vin+
BYP ASS
STBY
Vout-
Vout+
U1
TS4974 DFN10
PSRR
20
Log
RMS
Output
()
RMS
Vripple
()
----------------------------------
×
dB
()
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com