Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4974 Datasheet(PDF) 21 Page - STMicroelectronics

Part # TS4974
Description  1W differential audio power amplifier with up/down digital volume control pins
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4974 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button TS4974 Datasheet HTML 17Page - STMicroelectronics TS4974 Datasheet HTML 18Page - STMicroelectronics TS4974 Datasheet HTML 19Page - STMicroelectronics TS4974 Datasheet HTML 20Page - STMicroelectronics TS4974 Datasheet HTML 21Page - STMicroelectronics TS4974 Datasheet HTML 22Page - STMicroelectronics TS4974 Datasheet HTML 23Page - STMicroelectronics TS4974 Datasheet HTML 24Page - STMicroelectronics TS4974 Datasheet HTML 25Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
TS4974
Application information
21/25
The volume is controlled by means of two pins, UP/DVC and DOWN/DVC. When the VIL
voltage is applied, it activates the increase or decrease in gain. When one of the input pins
is grounded, volume changing is activated. When both volume UP and DOWN functions are
activated at the same time, there is no effect on the volume.
The UP/DVC and DOWN/DVC inputs need to be pulled-up or pulled-down, so a pair of
external pull-up or pull-down resistors are required. When pull-up resistors are used, it is
dependent on the application which values of resistors you should choose in the range from
10k
Ω to 1MΩ. The current flowing through the switch S1 or S2 during volume changing is
adjusted by the value of the pull-up resistors.
When pull-down resistors are used, the values are chosen in the range from at least 430k
Ω
to 1M
Ω (a value 470kΩ is recommended). Typically, in this case a 10µA current flows through
the switch S1 or S2 during volume changing.
Table 2 on page 3 indicates the values of the VU/D voltages required to activate an increase
or decrease in volume. The volume can also be controlled by a microcontroller. In this case,
transistors can be used as switches for grounding the UP/DVC and DOWN/DVC pins.
The TS4974 integrates a debouncing system which does not take into account UP or
DOWN pulses that are shorter than the tdebounce time. In addition, an autorepeat function is
implemented. When a continuous voltage is applied to the UP or DOWN pin, the gain is
continuously increased or decreased after a certain time called tautorepeat. The first period of
each autorepeat sequence is longer (tautorepeat x 1.5) to avoid any parasitic activation. In this
mode, the time trange is necessary to cover the whole gain range of the device.
Figure 42 explains the meaning of the debounce, autorepeat and range times (respectively
tdebounce, tautorepeat and trange). It shows how the volume increases over the whole volume
range from the minimum gain -33 dB to the maximum gain +12 dB by 3 dB steps.
Figure 42.
Example of volume change
V
UP
G=+12dB
G=-33dB
Gain
(dB)
t
debounce
t
range
1.5 x t
autorepeat
Time
Time
G=3dB
t
autorepeat



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com