Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4974 Datasheet(PDF) 13 Page - STMicroelectronics

Part # TS4974
Description  1W differential audio power amplifier with up/down digital volume control pins
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4974 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TS4974 Datasheet HTML 9Page - STMicroelectronics TS4974 Datasheet HTML 10Page - STMicroelectronics TS4974 Datasheet HTML 11Page - STMicroelectronics TS4974 Datasheet HTML 12Page - STMicroelectronics TS4974 Datasheet HTML 13Page - STMicroelectronics TS4974 Datasheet HTML 14Page - STMicroelectronics TS4974 Datasheet HTML 15Page - STMicroelectronics TS4974 Datasheet HTML 16Page - STMicroelectronics TS4974 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
TS4974
Electrical characteristics
13/25
Figure 26.
SNR vs. supply voltage
Figure 27.
Output power vs. supply voltage
2.5
3.0
3.5
4.0
4.5
5.0
5.5
90
92
94
96
98
100
102
104
106
108
110
RL=16
Ω
RL=8
Ω
Unweighted filter (20Hz to 20kHz)
F = 1kHz
G = 12dB
THD + N < 0.5%
Tamb = 25
°C
Vcc (V)
2.5
3.0
3.5
4.0
4.5
5.0
0.0
0.2
0.4
0.6
0.8
1.0
8
Ω
16
Ω
32
Ω
F = 1kHz
BW < 125 kHz
Tamb = 25
°C
Vcc (V)
Figure 28.
Output power vs. supply voltage
Figure 29.
Output power vs. load resistance
2.5
3.0
3.5
4.0
4.5
5.0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
8
Ω
16
Ω
32
Ω
F = 1kHz
BW < 125 kHz
Tamb = 25
°C
Vcc (V)
8
121620242832
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
Vcc=2.6V
Vcc=3V
Vcc=3.3V
Vcc=4.5V
Vcc=5V
Vcc=4V
Load resistance (
Ω)
THD+N = 1%
Cb = 1
μF
BW < 125kHz
Tamb = 25
°C
Vcc=5.5V
Figure 30.
Current consumption vs. supply
voltage
Figure 31.
Standby current vs. supply voltage
01
23
4
5
6
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
No load
Tamb = 25
°C
Vcc (V)
01
2
3
456
0.0
0.1
0.2
0.3
0.4
No load
Tamb = 25
°C
Vcc (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com