Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4974 Datasheet(PDF) 18 Page - STMicroelectronics

Part # TS4974
Description  1W differential audio power amplifier with up/down digital volume control pins
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4974 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button TS4974 Datasheet HTML 14Page - STMicroelectronics TS4974 Datasheet HTML 15Page - STMicroelectronics TS4974 Datasheet HTML 16Page - STMicroelectronics TS4974 Datasheet HTML 17Page - STMicroelectronics TS4974 Datasheet HTML 18Page - STMicroelectronics TS4974 Datasheet HTML 19Page - STMicroelectronics TS4974 Datasheet HTML 20Page - STMicroelectronics TS4974 Datasheet HTML 21Page - STMicroelectronics TS4974 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
Application information
TS4974
18/25
and the maximum value is obtained when:
and its value is:
Equation 3
Note:
This maximum value is only dependent on the power supply voltage and load
values.
The efficiency is the ratio between the output power and the power supply:
Equation 4
The maximum theoretical value is reached when Vpeak = VCC, so:
The maximum die temperature allowable for the TS4974 is 125°C. However, in case of
overheating, a thermal shutdown set to 150° C, puts the TS4974 in standby until the
temperature of the die is reduced by about 5° C.
To calculate the maximum ambient temperature Tamb allowable, you need to know:
●
Power supply voltage value, VCC
●
Load resistor value, RL
●
The package type, RTHJA
Example: VCC=5 V, RL=8 Ω, RTHJAflip-chip=80° C/W (125 mm
2 copper heatsink).
Using the power dissipation formula given above in Equation 3 this gives a result of:
Pdissmax = 633mW
Tamb is calculated as follows:
Equation 5
Therefore, the maximum allowable value for Tamb is:
Tamb = 125-80x0.633 = 74.3°C
∂Pdiss
∂P
out
--------------------- = 0
)
W
(
R
Vcc
2
max
Pdiss
L
2
2
π
=
η=
P
out
P
supply
------------------- =
πV
peak
4V
CC
--------------------
η= π
4
----- = 78.5%
T
amb
125
° CR
TJHA
P
dissmax
×
–
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com