Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4974 Datasheet(PDF) 19 Page - STMicroelectronics

Part # TS4974
Description  1W differential audio power amplifier with up/down digital volume control pins
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4974 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button TS4974 Datasheet HTML 15Page - STMicroelectronics TS4974 Datasheet HTML 16Page - STMicroelectronics TS4974 Datasheet HTML 17Page - STMicroelectronics TS4974 Datasheet HTML 18Page - STMicroelectronics TS4974 Datasheet HTML 19Page - STMicroelectronics TS4974 Datasheet HTML 20Page - STMicroelectronics TS4974 Datasheet HTML 21Page - STMicroelectronics TS4974 Datasheet HTML 22Page - STMicroelectronics TS4974 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
TS4974
Application information
19/25
4.4
Decoupling of the circuit
Two capacitors are needed to correctly bypass the TS4974. A power supply bypass
capacitor CS and a bias voltage bypass capacitor Cb.
CS has particular influence on the THD+N in the high frequency region (above 7 kHz) and
an indirect influence on power supply disturbances. With a value for CS of 1 µF, you can
expect similar THD+N performance to that shown in the datasheet.
In the high frequency region, if CS is lower than 1 µF, it increases the THD+N, and
disturbances on the power supply rail are less filtered.
On the other hand, if CS is higher than 1 µF, the disturbances on the power supply rail are
more filtered.
Cb has an influence on THD+N at lower frequencies, but its function is critical to the final
result of PSRR (with input grounded and in the lower frequency region).
4.5
Wake-up time (tWU)
When the standby is released to put the device ON, the bypass capacitor Cb is not charged
immediately. As Cb is directly linked to the bias of the amplifier, the bias will not work
properly until the Cb voltage is correct. The time to reach this voltage is called the wake-up
time or tWU and is specified in the tables in Section 3: Electrical characteristics on page 5,
with Cb=1 µF. During the wake-up phase, the TS4974 gain is close to zero. After the wake-
up time, the gain is released and set to its nominal value.
If Cb has a value other than 1 µF, refer to Figure 40 to establish the wake-up time.
Figure 40.
Startup time vs. bypass capacitor
4.6
Shutdown time
When the standby command is set, the time required to put the two output stages in high
impedance and the internal circuitry in shutdown mode is a few microseconds.
Note:
In shutdown mode, the Bypass pin and Vin+, Vin- pins are short-circuited to ground by
internal switches. This allows a quick discharge of Cb and Cin capacitors.
0,4
0,8
1,2
1,6
2,0
0
5
10
15
Tamb=25
°C
Vcc=2.6V
Vcc=3.3V
Vcc=5V
Bypass Capacitor Cb (
μF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com