Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4974 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TS4974
Description  1W differential audio power amplifier with up/down digital volume control pins
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4974 Datasheet(HTML) 1 Page - STMicroelectronics

  TS4974 Datasheet HTML 1Page - STMicroelectronics TS4974 Datasheet HTML 2Page - STMicroelectronics TS4974 Datasheet HTML 3Page - STMicroelectronics TS4974 Datasheet HTML 4Page - STMicroelectronics TS4974 Datasheet HTML 5Page - STMicroelectronics TS4974 Datasheet HTML 6Page - STMicroelectronics TS4974 Datasheet HTML 7Page - STMicroelectronics TS4974 Datasheet HTML 8Page - STMicroelectronics TS4974 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
May 2007
Rev 4
1/25
25
TS4974
1W differential audio power amplifier
with up/down digital volume control pins
Features
■ Operates from VCC= 2.5 V to 5.5 V
■ Zero pop & click
■ 1 W output power @ VCC =5V, THD=1%,
F = 1 kHz, with 8
Ωload
■ Ultra-low consumption in standby mode (2 µA
max.)
■ 85 dB PSRR @ 217Hz
■ 16-step digital volume control
■ Two discrete up and down volume control pins
■ Gain range from -33 dB to + 12 dB
■ Integrated debouncing system
■ Ultra-fast start-up time: 15 ms typ.
■ DFN10 3x3 mm (pitch 0.5)
Applications
■
Mobile phones (cellular / cordless)
■
PDAs
■
Laptop/notebook computers
■
Portable audio devices
Description
At 3.3 V, the TS4974 is a dual power audio
amplifier capable of delivering 380 mW of
continuous RMS output power into a 8
Ω bridged-
tied loads with 1% THD+N. An external standby
mode control reduces the supply current to less
than 2 µA. An internal over-temperature shutdown
protection is provided.
The TS4974 has been designed for high quality
audio applications such as mobile phones and
minimizes the number of external components
necessary.
The TS4974 features 16-step digital volume
control through two discrete Up and Down control
pins. The start-up gain is internally fixed to
-12 dB. An integrated debounce system prevents
voltage spikes on the UP/DOWN pins during
volume control mode from being taken into
account during a debounce time of 10 ms (typ).
Pin connections (top view)
DFN10 (3x3)
1
2
3
4
10
BYPASS
VIN-
UP / DVC
VCC
STANDBY
5
9
8
7
6
DOWN / DVC
GND
VIN+
VOUT-
VOUT+
1
2
3
4
10
BYPASS
VIN-
UP / DVC
VCC
STANDBY
STANDBY
5
9
8
7
6
DOWN / DVC
GND
VIN+
VOUT-
VOUT+
www.st.com


Similar Part No. - TS4974

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS4974 STMICROELECTRONICS-TS4974 Datasheet
150Kb / 8P
1W Differential Audio Power Amplifier with Up/Down Digital Volume Control Pins
01-Nov-2004
TS4974IQT STMICROELECTRONICS-TS4974IQT Datasheet
150Kb / 8P
1W Differential Audio Power Amplifier with Up/Down Digital Volume Control Pins
01-Nov-2004
More results

Similar Description - TS4974

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA0152 TI-TPA0152 Datasheet
444Kb / 29P
2-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0162 TI-TPA0162 Datasheet
447Kb / 29P
2-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0252 TI-TPA0252 Datasheet
493Kb / 29P
2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
logo
STMicroelectronics
TS4974 STMICROELECTRONICS-TS4974 Datasheet
150Kb / 8P
1W Differential Audio Power Amplifier with Up/Down Digital Volume Control Pins
01-Nov-2004
logo
Texas Instruments
TPA0252 TI-TPA0252_07 Datasheet
800Kb / 32P
2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
logo
Diodes Incorporated
PAM8407 DIODES-PAM8407 Datasheet
330Kb / 12P
2x3W Stereo Differential Input Class D Audio Amplifier with Up/Down Volume Control
Rev 1
logo
Texas Instruments
TPA0152 TI1-TPA0152_16 Datasheet
967Kb / 36P
2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0162 TI1-TPA0162_16 Datasheet
972Kb / 36P
2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0252 TI1-TPA0252_16 Datasheet
929Kb / 35P
2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
logo
Unisonic Technologies
TDA7052A UTC-TDA7052A Datasheet
164Kb / 5P
1W BTL MONO AUDIO AMPLIFIER WITH DC VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com