Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4974 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TS4974
Description  1W differential audio power amplifier with up/down digital volume control pins
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4974 Datasheet(HTML) 4 Page - STMicroelectronics

  TS4974 Datasheet HTML 1Page - STMicroelectronics TS4974 Datasheet HTML 2Page - STMicroelectronics TS4974 Datasheet HTML 3Page - STMicroelectronics TS4974 Datasheet HTML 4Page - STMicroelectronics TS4974 Datasheet HTML 5Page - STMicroelectronics TS4974 Datasheet HTML 6Page - STMicroelectronics TS4974 Datasheet HTML 7Page - STMicroelectronics TS4974 Datasheet HTML 8Page - STMicroelectronics TS4974 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
Typical application schematics
TS4974
4/25
2
Typical application schematics
Figure 1.
Typical application schematics for the TS4974
Table 3.
External component descriptions
Components
Functional description
Rpu1, Rpu2
Rpd1, Rpd2
Pair of pull-up (Rpu1, Rpu2) or pull down (Rpd1, Rpd2) resistors that are
connected to the digital volume control pins
UP/DVC and DOWN/DVC.
See Section 4.9: Volume setting on page 20.
CIN
Input coupling capacitors that block the DC voltage at the amplifier input
terminal. They form together with the amplifier’s differential input impedance
ZIN a first order high pass filter with a -3dB cut-off frequency
(fcut-off = 1 / (2 x π x ZIN x CIN)).
See Section 4.2: Low frequency response on page 16.
CS
Supply bypass capacitor that provides power supply filtering.
See Section 4.4: Decoupling of the circuit on page 19.
CB
Bypass pin capacitor that provides half supply filtering.
See Section 4.4: Decoupling of the circuit on page 19.
Cin1
330nF
Cin2
330nF
P1
Vin-
P2
Vin+
Cb
1µF
S1
Volume DOWN
S2
Volume UP
VCC
Cs
1µF
STBY control
Speaker
8 Ohms
470k
Rpd1
470k
Rpd1
470k
Rpu1
470k
Rpu2
VCC
VCC
DIGITAL VOLUME
CONTROL
BIAS
STBY
+
1
2
3
9
8
Vin-
Vin+
BYP ASS
STBY
Vout-
Vout+
U1
TS4974 DFN10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com