Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4974 Datasheet(PDF) 14 Page - STMicroelectronics

Part # TS4974
Description  1W differential audio power amplifier with up/down digital volume control pins
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4974 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button TS4974 Datasheet HTML 10Page - STMicroelectronics TS4974 Datasheet HTML 11Page - STMicroelectronics TS4974 Datasheet HTML 12Page - STMicroelectronics TS4974 Datasheet HTML 13Page - STMicroelectronics TS4974 Datasheet HTML 14Page - STMicroelectronics TS4974 Datasheet HTML 15Page - STMicroelectronics TS4974 Datasheet HTML 16Page - STMicroelectronics TS4974 Datasheet HTML 17Page - STMicroelectronics TS4974 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
Electrical characteristics
TS4974
14/25
Figure 32.
Standby voltage vs. supply current Figure 33.
Frequency response
0.0
0.5
1.0
1.5
2.0
2.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Vcc=5V
Vcc=3.3V
No load
Tamb = 25
°C
Vstby (V)
Vcc=2.6V
100
1000
10000
-4
-3
-2
-1
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
Cin=4.7
μF
Cin=330nF
Cin=330nF
Cin=4.7
μF
G=+12dB
Cin=4.7
μF
Cin=330nF
G=+6dB
20k
Frequency (Hz)
G=0dB
Vcc = 5V, 3.3V, 2.6V
ZL = 8
Ω + 500pF
Tamb = 25
°C
20
Figure 34.
Frequency response
Figure 35.
Power dissipation vs. output power
100
1000
10000
-4
-3
-2
-1
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
Cin=4.7
μF
Cin=330nF
Cin=330nF
Cin=4.7
μF
G=+12dB
Cin=4.7
μF
Cin=330nF
G=+6dB
20k
Frequency (Hz)
G=0dB
Vcc = 5V, 3.3V, 2.6V
ZL = 16
Ω + 500pF
Tamb = 25
°C
20
0.0
0.2
0.4
0.6
0.8
1.0
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
RL=8
Ω
Vcc = 5V
F = 1kHz
THD+N < 1%
RL=32
Ω
RL=16
Ω
Output Power (W)
Figure 36.
Power dissipation vs. output power Figure 37.
Power dissipation vs. output power
0.0
0.1
0.2
0.3
0.4
0.0
0.1
0.2
0.3
RL=8
Ω
Vcc = 3.3V
F = 1kHz
THD+N < 1%
RL=32
Ω
RL=16
Ω
Output Power (W)
0.00
0.05
0.10
0.15
0.20
0.25
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
0.18
0.20
RL=32
Ω
Vcc = 2.6V
F = 1kHz
THD+N < 1%
RL=8
Ω
RL=16
Ω
Output Power (W)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com