Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4974 Datasheet(PDF) 12 Page - STMicroelectronics

Part # TS4974
Description  1W differential audio power amplifier with up/down digital volume control pins
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4974 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TS4974 Datasheet HTML 8Page - STMicroelectronics TS4974 Datasheet HTML 9Page - STMicroelectronics TS4974 Datasheet HTML 10Page - STMicroelectronics TS4974 Datasheet HTML 11Page - STMicroelectronics TS4974 Datasheet HTML 12Page - STMicroelectronics TS4974 Datasheet HTML 13Page - STMicroelectronics TS4974 Datasheet HTML 14Page - STMicroelectronics TS4974 Datasheet HTML 15Page - STMicroelectronics TS4974 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
Electrical characteristics
TS4974
12/25
Figure 20.
CMRR vs. frequency
Figure 21.
CMRR vs. frequency
100
1000
10000
-80
-70
-60
-50
-40
-30
-20
-10
0
G=12dB
Cb=1, 0.47, 0.1
μF
G=0dB
Cb=1, 0.47, 0.1
μF
Vcc = 5V
RL
≥ 8Ω
Tamb = 25°C
Frequency (Hz)
100
1000
10000
-80
-70
-60
-50
-40
-30
-20
-10
0
G=12dB
Cb=1, 0.47, 0.1
μF
G=0dB
Cb=1, 0.47, 0.1
μF
Vcc = 3.3V
RL
≥ 8Ω
Tamb = 25°C
Frequency (Hz)
Figure 22.
CMRR vs. frequency
Figure 23.
SNR vs. supply voltage
100
1000
10000
-80
-70
-60
-50
-40
-30
-20
-10
0
G=12dB
Cb=1, 0.47, 0.1
μF
G=0dB
Cb=1, 0.47, 0.1
μF
Vcc = 2.6V
RL
≥ 8Ω
Tamb = 25°C
Frequency (Hz)
2.5
3.0
3.5
4.0
4.5
5.0
5.5
90
92
94
96
98
100
102
104
106
108
110
RL=16
Ω
RL=8
Ω
A - weighted filter
F = 1kHz
G = 0dB
THD + N < 0.5%
Tamb = 25
°C
Vcc (V)
Figure 24.
SNR vs. supply voltage
Figure 25.
SNR vs. supply voltage
2.5
3.0
3.5
4.0
4.5
5.0
5.5
90
92
94
96
98
100
102
104
106
108
110
RL=16
Ω
RL=8
Ω
A - weighted filter
F = 1kHz
G = +12dB
THD + N < 0.5%
Tamb = 25
°C
Vcc (V)
2.5
3.0
3.5
4.0
4.5
5.0
5.5
90
92
94
96
98
100
102
104
106
108
110
RL=16
Ω
RL=8
Ω
Unweighted filter (20Hz to 20kHz)
F = 1kHz
G = 0dB
THD + N < 0.5%
Tamb = 25
°C
Vcc (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com