Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7501 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TDA7501
Description  Line driver for digital car radio Signal processor (DSPLD)
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7501 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TDA7501 Datasheet HTML 2Page - STMicroelectronics TDA7501 Datasheet HTML 3Page - STMicroelectronics TDA7501 Datasheet HTML 4Page - STMicroelectronics TDA7501 Datasheet HTML 5Page - STMicroelectronics TDA7501 Datasheet HTML 6Page - STMicroelectronics TDA7501 Datasheet HTML 7Page - STMicroelectronics TDA7501 Datasheet HTML 8Page - STMicroelectronics TDA7501 Datasheet HTML 9Page - STMicroelectronics TDA7501 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
Electrical specifications
TDA7501
6/29
2
Electrical specifications
ESD:
All pins are protected against ESD according to the MIL883 standard.
Table 1.
Supply
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Vdd
Supply voltage
7.5
8.3
10
V
VP
Output supply voltage
12
V
IS8
Supply current Vdd
Vdd = 8.3V
27
mA
IS12
Supply current VP
VP = 12V
5
mA
SVRR
Ripple rejection @ 1kHz
60
dB
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDDmax
Operating supply voltage VDD
10.5
V
VSmax
Operating supply voltage Vs
13.0
V
Tamb
Operating temperature range
-40 to 85
°C
Tstg
Storage temperature range
-55 to +150
°C
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
Rth j-pins
Thermal Resistance Junction-pins Max.
65
°C/W
Table 4.
Electrical characteristcs
(VDD = VS = 8.3V; V33 = 3.3V Tamb = 25°C; RL = 10kΩ; all gains = 0dB;
f = 1kHz; unless otherwise specified)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
General
VCL
Input clipping level
2.3
VRMS
SIN
Input separation
80
100
dB
GIN MIN
Min. input gain - input part
0
dB
GIN MAX
Max. input gain - input part
15
dB
Max. input gain - output part
Volume 0dB
12
dB
GSTEP
Step resolution
1
dB
VDC
DC steps
Adjacent gain steps
0.5
mV
GMIN to GMAX
5
mV
dIN
Distortion
VOUT = 0.7VRMS all stages
0dB
0.00
2
0.08
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com