Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7501 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7501
Description  Line driver for digital car radio Signal processor (DSPLD)
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7501 Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7501 Datasheet HTML 1Page - STMicroelectronics TDA7501 Datasheet HTML 2Page - STMicroelectronics TDA7501 Datasheet HTML 3Page - STMicroelectronics TDA7501 Datasheet HTML 4Page - STMicroelectronics TDA7501 Datasheet HTML 5Page - STMicroelectronics TDA7501 Datasheet HTML 6Page - STMicroelectronics TDA7501 Datasheet HTML 7Page - STMicroelectronics TDA7501 Datasheet HTML 8Page - STMicroelectronics TDA7501 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
January 2007
Rev 5
1/29
1
TDA7501
Line driver for digital car radio
Signal processor (DSPLD)
Features
Inputs:
– Quasi differential stereo input for CD
– Differential stereo inputs for phone,
navigation, FM, AM
– Single-ended input for cassette- four
independent input multiplexer and gain
stages
– Envelope-detector for AM noise-blanking
– Mixing of phone and navigation
– DC connection to DSP
– Dual MPX inputs
Outputs:
– 6 Output channels with independent
volume control
– 4 Main output channels with additional
input selector for phone and/or navigation
or CD
– Outputs level up to 4V rms
– AC connection from DSP
Digital control:
– SPI bus or I2C bus interface (selectable)
– Direct mute for the output stages and/or
high impedance mpx mute
Description
The line driver handles all analog input and output
signals for the digital car radio signal processor
TDA7501. The device contains four independent
input multiplexers to select the sources for the
DSP's four AD converters. Four additional gain
stages allow an adaptation to run the ADCs in
best S/N condition.
The six outputs have independent volume stages
with a large dynamic range. Using a 12V supply
the outputs are able to drive up to 4Vrms .
LQFP44
Order codes
Part number
Package
Packing
TDA7501
LQFP44 (10 x 10 x 1.4 mm)
Tray
TDA7501TR
LQFP44 (10 x 10 x 1.4 mm)
Tape and Reel
www.st.com


Similar Part No. - TDA7501

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7501 STMICROELECTRONICS-TDA7501 Datasheet
148Kb / 18P
LINE-DRIVER FOR DIGITAL CARRADIO SIGNAL PROCESSOR
Apr-1999
More results

Similar Description - TDA7501

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7705H PHILIPS-SAA7705H Datasheet
1Mb / 60P
Car radio Digital Signal Processor DSP
1999 Aug 16
SAA7707H PHILIPS-SAA7707H Datasheet
244Kb / 48P
Car radio Digital Signal Processor CDSP
1997 May 30
logo
STMicroelectronics
TDA7461 STMICROELECTRONICS-TDA7461 Datasheet
1Mb / 30P
CAR RADIO SIGNAL PROCESSOR
Mar 1998
logo
NXP Semiconductors
SAA7724H PHILIPS-SAA7724H Datasheet
476Kb / 84P
Car radio digital signal processor
2003 Nov 18
SAA7706H PHILIPS-SAA7706H Datasheet
271Kb / 52P
Car radio Digital Signal Processor (DSP)
2001 Mar 05
SAA7708H PHILIPS-SAA7708H Datasheet
281Kb / 60P
Car Radio Digital Signal Processor
1998 May 19
logo
STMicroelectronics
TDA7406T STMICROELECTRONICS-TDA7406T Datasheet
823Kb / 49P
CAR RADIO SIGNAL PROCESSOR
Apr-2001
TDA7402 STMICROELECTRONICS-TDA7402_07 Datasheet
971Kb / 71P
Car radio signal processor
Mar-2007
TDA7404 STMICROELECTRONICS-TDA7404_08 Datasheet
632Kb / 35P
Car radio signal processor
16-Dec-2008
TDA7404DTR STMICROELECTRONICS-TDA7404DTR Datasheet
632Kb / 35P
Car radio signal processor
16-Dec-2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com