Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7501 Datasheet(PDF) 9 Page - STMicroelectronics

Part # TDA7501
Description  Line driver for digital car radio Signal processor (DSPLD)
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7501 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TDA7501 Datasheet HTML 5Page - STMicroelectronics TDA7501 Datasheet HTML 6Page - STMicroelectronics TDA7501 Datasheet HTML 7Page - STMicroelectronics TDA7501 Datasheet HTML 8Page - STMicroelectronics TDA7501 Datasheet HTML 9Page - STMicroelectronics TDA7501 Datasheet HTML 10Page - STMicroelectronics TDA7501 Datasheet HTML 11Page - STMicroelectronics TDA7501 Datasheet HTML 12Page - STMicroelectronics TDA7501 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
TDA7501
Description of the input part
9/29
3
Description of the input part
On the input side, the TDA7501 (see Figure 3) connects the external audio and tuner
signals to the four AD converters of the digital car radio signal processor TDA7500. The
audio signals are adjusted by the input gain stage to the internal reference signal with 2V
rms referred to 4.15V (=V33 ·1.2575). The following CODEC interface attenuates the 2VRMS
to 0.8Vrms referred to the CODEC's reference voltage of 1.65V which allows a DC coupling
to the TDA7500.
Figure 3.
Input part.
QDIFF-
STEREO
INGAIN BYP
INGAIN 1L
CODEC-IF
VIN:
4.15Vdc
2Vrms
VOUT: 1.65Vdc
0.8Vrms
PHONE/NAVI-MIX
DIFF-MONO
PHONE/NAVI
MIX
DIFF-MONO
CDL+
CDL
CDL
PHONE/FDL
NAVI/FDR
PHONE/NAVI-MIX
CASSL
MPX-RDS
AM
AM-LEVEL
CD-
CASSL
CDL
2Vrms
0.8Vrms
OUT1L
CDR
CASSR
MPX-RDS
CDR+
PHONE+
BYPASS (2Vrms)
TO OUTPUT PART
FULL
DIFFERENTIAL
STEREO
PHONE-
NAVI+
NAVI-
AM-LEVEL
FM-LEVEL
CDR
FM
AM
AM-SPIKES
(QDiff-Stereo)
LEVEL-SHIFT
LEVEL-SHIFT
ENVELOPE DETECTOR
TUNER-
FM/AM-DIFF
DUAL-MPX
AM-IF
FM
AM
INSELECT 1L
MUTE
0..15dB
1dB STEP
0..15dB
1dB STEP
INGAIN 1R
CODEC-IF
VIN:
4.15Vdc
2Vrms
VOUT: 1.65Vdc
0.8Vrms
CDR
PHONE/FDL
NAVI/FDR
PHONE/NAVI-MIX
CASSR
MPX-RDS
FM/DUAL-MPX
AM-SPIKES
2Vrms
0.8Vrms
OUT1R
INSELECT 1R
MUTE
0..15dB
1dB STEP
INGAIN 2L
CODEC-IF
VIN:
4.15Vdc
2Vrms
VOUT: 1.65Vdc
0.8Vrms
CDL
PHONE/FDL
NAVI/FDR
PHONE/NAVI-MIX
CASSL
AM
FM-LEVEL
AM-LEVEL
2Vrms
0.8Vrms
OUT2L
INSELECT 2L
MUTE
0..15dB
1dB STEP
INGAIN 2R
CODEC-IF
VIN:
4.15Vdc
2Vrms
VOUT: 1.65Vdc
0.8Vrms
CDR
PHONE/FDL
NAVI/FDR
PHONE/NAVI-MIX
CASSR
MPX-RDS
FM/DUAL-MPX
AM-SPIKES
2Vrms
0.8Vrms
OUT2R
INSELECT 2R
MUTE
0..15dB
1dB STEP
D00AU1201



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com