Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7501 Datasheet(PDF) 12 Page - STMicroelectronics

Part # TDA7501
Description  Line driver for digital car radio Signal processor (DSPLD)
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7501 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TDA7501 Datasheet HTML 8Page - STMicroelectronics TDA7501 Datasheet HTML 9Page - STMicroelectronics TDA7501 Datasheet HTML 10Page - STMicroelectronics TDA7501 Datasheet HTML 11Page - STMicroelectronics TDA7501 Datasheet HTML 12Page - STMicroelectronics TDA7501 Datasheet HTML 13Page - STMicroelectronics TDA7501 Datasheet HTML 14Page - STMicroelectronics TDA7501 Datasheet HTML 15Page - STMicroelectronics TDA7501 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
Description of the input part
TDA7501
12/29
3.4
Transfer function of the AM/FM level inputs
In the TDA7501 two level shift stages convert a tuner level (DC) signal to a unipolar output
signal with respect to the Codec Interface reference, that is 1.65V.
The FM level input can be programmed to a signal range of either 0 to 5V (Lo range) which
is the default, or 0 to 6V (Hi range). The AM level input is fixed to the lower 0 to 5V input
range.
For the programming of the FM level input range see the programming section.
Figure 9.
AM/FM level inputs transfer function (DC)
1
0
2345 Vin(V)
1.65
1.90
2.15
2.30
2.65
Vout
(V)
LO RANGE
HI RANGE
D00AU1204



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com