Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7501 Datasheet(PDF) 19 Page - STMicroelectronics

Part # TDA7501
Description  Line driver for digital car radio Signal processor (DSPLD)
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7501 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button TDA7501 Datasheet HTML 15Page - STMicroelectronics TDA7501 Datasheet HTML 16Page - STMicroelectronics TDA7501 Datasheet HTML 17Page - STMicroelectronics TDA7501 Datasheet HTML 18Page - STMicroelectronics TDA7501 Datasheet HTML 19Page - STMicroelectronics TDA7501 Datasheet HTML 20Page - STMicroelectronics TDA7501 Datasheet HTML 21Page - STMicroelectronics TDA7501 Datasheet HTML 22Page - STMicroelectronics TDA7501 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
TDA7501
Software specification for both modes
19/29
9
Software specification for both modes
9.1
Auto increment
If bit I in the subaddress byte is set to "1", the autoincrement of the subaddress is enabled.
9.2
Reset condition
A Power-On-Reset is invoked if the Supply-Voltage V dd is below than 3.5V. After POR the
following data is written automatically into the registers of all subaddresses :
The programming after POR is marked bold-face in the programming tables.
With this programming all the outputs are muted to their corresponding reference voltages.
9.3
Programming modes
MSB
LSB
11
111
11
0
Table 6.
Subaddresses
MSB
LSB
Name
D7
D6
I
D4
SA3
SA2
SA1
SA0
0
0
0
0
0
0
0
0
1
1
1
1
1
1
1
1
0
0
0
0
1
1
1
1
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
Input selector 1L
Input selector 1R
Input selector 2L
Input selector 2R
Phone/Navigation
Mode Select
Configuration
Output selector
Volume 1L
Volume 1R
Volume 2L
Volume 2R
Volume 3L
Volume 3R
FM-level
reserved
0
1
Autoincrement mode off
Autoincrement mode on
0
0
0
must be "0”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com