Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7501 Datasheet(PDF) 11 Page - STMicroelectronics

Part # TDA7501
Description  Line driver for digital car radio Signal processor (DSPLD)
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7501 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TDA7501 Datasheet HTML 7Page - STMicroelectronics TDA7501 Datasheet HTML 8Page - STMicroelectronics TDA7501 Datasheet HTML 9Page - STMicroelectronics TDA7501 Datasheet HTML 10Page - STMicroelectronics TDA7501 Datasheet HTML 11Page - STMicroelectronics TDA7501 Datasheet HTML 12Page - STMicroelectronics TDA7501 Datasheet HTML 13Page - STMicroelectronics TDA7501 Datasheet HTML 14Page - STMicroelectronics TDA7501 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
TDA7501
Description of the input part
11/29
3.2
Dual MPX mode
The TDA7501 is able to support a twin tuner concept via the Dual MPX Mode. In this
configuration the FM pin and the AM-pin are acting as MPX1 and MPX2 inputs. The DC
Voltage at the TUNER pin controls whether MPX1, both MPX signals or MXX2 is used to
decode the stereo FM signal (see Figure 6 Please note that the thresholds have a
hysteresis of 500mV. During this mode the high ohmic mute acts on both inputs in parallel.
Furthermore, a background tuner on the internal AM path can be selected by software
aswtching to one of the two MPX inputs.
For the programming of the Dual MPX Mode see the programming section.
Figure 7.
Block diagram Dual MPX.
3.3
Additional quasi differential Input
The TDA7501 can be programmed to additional quasi-differential input by rearranging the
configuration of the navigation and AM level inputs. Since the AM level input becomes the
2nd differential input, the level shift function is not available.
For the programming of the navigation/AM level input configuration see the programming
section.
Figure 8.
Additional quasi differential input simplified
1
MPX2
(AM+)
HIZ-MUTE
HIZ-MUTE
MPX1
(FM+)
CTRL
(TUNER-)
50K
50K
50K
15K
15K
15K
1
15K
15K
15K
1
WINDOW-
COMPARATOR
& LOGIC
(D4/5)
(D5/5)
AM
FM
D00AU1202
-
+
-
+
1
NAVI-/QDIFF1-
AMLEVEL/QDIFF2-
NAVI+/COM+
100K
100K
68K
15K
15K
15K
1
15K
15K
15K
33K
1
D3/4
NAVI/QDIFF1
LEVEL/QDIFF2
D00AU1203
D3/4
-
+
-
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com