Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7501 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA7501
Description  Line driver for digital car radio Signal processor (DSPLD)
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7501 Datasheet(HTML) 3 Page - STMicroelectronics

  TDA7501 Datasheet HTML 1Page - STMicroelectronics TDA7501 Datasheet HTML 2Page - STMicroelectronics TDA7501 Datasheet HTML 3Page - STMicroelectronics TDA7501 Datasheet HTML 4Page - STMicroelectronics TDA7501 Datasheet HTML 5Page - STMicroelectronics TDA7501 Datasheet HTML 6Page - STMicroelectronics TDA7501 Datasheet HTML 7Page - STMicroelectronics TDA7501 Datasheet HTML 8Page - STMicroelectronics TDA7501 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
TDA7501
List of tables
3/29
List of tables
Table 1.
Supply . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
Table 2.
Absolute maximum ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
Table 3.
Thermal data. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
Table 4.
Electrical characteristcs . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
Table 5.
Switching characteristics (SPI mode) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
Table 6.
Subaddresses . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
Table 7.
Input selector 1L..3R, bits D7 ..D3 (subaddresses 0..3) . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
Table 8.
Input selector 1L, bits D2 ..D0 (subaddresses 0) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
Table 9.
Input selector 1R, bits D2 ..D0 (subaddresses 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
Table 10.
Input selector 2L, bits D2 ..D0 (subaddresses 2) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
Table 11.
Input selector 2R, bits D2 ..D0 (subaddresses 3) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
Table 12.
Phone navigation (subaddress 4) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
Table 13.
Mode select (subaddress 5) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
Table 14.
Configuration (subaddress 6) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
Table 15.
Output selector (subaddress 7) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24
Table 16.
Volume speaker outputs (subaddresses 8...13) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25
Table 17.
FM level range (subaddress 14) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25
Table 18.
Document revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com