Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7501 Datasheet(PDF) 15 Page - STMicroelectronics

Part # TDA7501
Description  Line driver for digital car radio Signal processor (DSPLD)
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7501 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button TDA7501 Datasheet HTML 11Page - STMicroelectronics TDA7501 Datasheet HTML 12Page - STMicroelectronics TDA7501 Datasheet HTML 13Page - STMicroelectronics TDA7501 Datasheet HTML 14Page - STMicroelectronics TDA7501 Datasheet HTML 15Page - STMicroelectronics TDA7501 Datasheet HTML 16Page - STMicroelectronics TDA7501 Datasheet HTML 17Page - STMicroelectronics TDA7501 Datasheet HTML 18Page - STMicroelectronics TDA7501 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
TDA7501
Reference concept
15/29
5
Reference concept
For the input section the TDA7501 generates the internal reference voltage by multiplying
the V33 voltage by 1.2575.
The V33 voltage is also buffered and fed back to the CODEC where it is used to generate all
necessary references. For best performance it is recommended to filter the V33 reference
pin by means of a passive second order lowpass as shown in Figure 13. This concept allows
a direct DC coupling between the TDA7501 and the DSP because of the accurate matching
of DC levels. On the output side the TDA7501 offers two main modes: a single supply and a
dual supply mode.
5.1
Dual supply mode
In this mode the outputs are able to provide up to 4V rms with a minimum supply VCC of 12V
as well as a output reference voltage set to half of VCC (bit D0 of the mode select byte set to
'1').
If the switch D1/byte mode select is open the output reference voltage must be defined
externally e.g. a zener diode with RC lowpass.
If the switch is closed the reference voltage will be half of VCC and only an external capacitor
has to be added.
5.2
Single supply mode
If VCC and Vdd are connected to a single supply the maximum possible output swing is about
2.8V rms .
The output reference voltage pin can be left open or otherwise the internal voltage divider
can be used to generate for the outputs a VCC/2 reference.
Figure 13.
Reference voltage generation
TDA7500
TDA7501



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com