Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7501 Datasheet(PDF) 14 Page - STMicroelectronics

Part # TDA7501
Description  Line driver for digital car radio Signal processor (DSPLD)
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7501 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button TDA7501 Datasheet HTML 10Page - STMicroelectronics TDA7501 Datasheet HTML 11Page - STMicroelectronics TDA7501 Datasheet HTML 12Page - STMicroelectronics TDA7501 Datasheet HTML 13Page - STMicroelectronics TDA7501 Datasheet HTML 14Page - STMicroelectronics TDA7501 Datasheet HTML 15Page - STMicroelectronics TDA7501 Datasheet HTML 16Page - STMicroelectronics TDA7501 Datasheet HTML 17Page - STMicroelectronics TDA7501 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
Description of the output part
TDA7501
14/29
Figure 11.
Level diagram.
4.2
Speaker (linedriver) outputs
The Speaker outputs can be configured in three different operating modes:
1.
- Internal reference mode with 0dB output gain,
2.
- External reference mode with 0dB output gain
3.
- External reference mode with 6dB output gain
Basically, in the internalreference mode the linedriver amplifier acts as a buffer with 0dB gain
regardless of the output gain programmed by bit D0. Since the buffer tracks the internal
generated reference, the OUTPUTREF pin may be left floating.
In the external reference mode the linedriver amplifiers reference tracks the voltage present
at the OUTPUTREF pin. This reference does not necessary have to be external to the
device, it can also be generated by invoking the VCC/2 divider inside the TDA7501 (bit
D1/6). In practice, the term external reference implied that the OUTPUTREF pin at least has
to connect to an external capacitor. In the external reference mode, an additional gain of
6dB can be added by assessing bit D0. This provides a nominal 4VRMS output level in case
the TDA7501 is powered from a dual supply (VDD = 8.3V). When fed from a single supply,
only 2.8VRMS output level can be acheived.
For the programming of output gain and reference selection see the programming section.
Figure 12.
Speaker (Linedriver) outputs simplified
INPUT GAIN
0..15dB
1dB STEP
CODEC
INTERFACE
TDA7500
VOLUME
+15
LEVEL
SELECT
..
-79dB
OUTPUT
LINEDRIVERS
0/+6dB STEP
INPUT PART
TDA7501
OUTPUT PART
IN
OUT
2Vrms
4.15Vdc
2Vrms
4.15Vdc
0.8Vrms
1.65Vdc
0.9Vrms
1.65Vdc
2Vrms
4.15Vdc
+6dB or
+12dB
GAIN
2Vrms (typ)
4.15Vdc
2Vrms
4.15Vdc
or
4Vrms
6Vdc
D00AU1205
D0/6
0dB
buffer
6dB
6dB
6dB
6dB
VREF
OUTPUTREF
SPKROUT
from VOLUME-STAGE
2Vrms
4.15Vdc
2RR3R
2RR3R
D0/6
+
-
D1/6
D1/6
VREF
D00AU1207



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com