Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7501 Datasheet(PDF) 24 Page - STMicroelectronics

Part # TDA7501
Description  Line driver for digital car radio Signal processor (DSPLD)
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7501 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button TDA7501 Datasheet HTML 20Page - STMicroelectronics TDA7501 Datasheet HTML 21Page - STMicroelectronics TDA7501 Datasheet HTML 22Page - STMicroelectronics TDA7501 Datasheet HTML 23Page - STMicroelectronics TDA7501 Datasheet HTML 24Page - STMicroelectronics TDA7501 Datasheet HTML 25Page - STMicroelectronics TDA7501 Datasheet HTML 26Page - STMicroelectronics TDA7501 Datasheet HTML 27Page - STMicroelectronics TDA7501 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 29 page
background image
Software specification for both modes
TDA7501
24/29
01
RDS-mute (high
impedance)mutedunmuted
01
mute pin function I"0" does not
activate the output mute"1" activates
the output mute
01
mute pin function II"0" activates the
high impedance mute"1" does not
activate the high impedance mute
Table 15.
Output selector (subaddress 7)
MSB
LSB
Function
D7
D6
D5
D4
D3
D2
D1
D0
0
0
1
1
0
1
0
1
source select SPKR 1L
Bypass
CDL
Phone/Navigation mix / IN1L
IN1L
0
0
1
1
0
1
0
1
source select SPKR 1R
Bypass
CDL
Phone/Navigation mix / IN1RI
N1R
0
0
1
1
0
1
0
1
source select SPKR 2L
Bypass
CDL
mute
IN2L
0
0
1
1
0
1
0
1
source select SPKR 2R
Bypass
CDL
mute
IN2R
Table 14.
Configuration (subaddress 6) (continued)
MSB
LSB
Function
D7
D6
D5
D4
D3
D2
D1
D0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com