Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7501 Datasheet(PDF) 7 Page - STMicroelectronics

Part # TDA7501
Description  Line driver for digital car radio Signal processor (DSPLD)
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7501 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TDA7501 Datasheet HTML 3Page - STMicroelectronics TDA7501 Datasheet HTML 4Page - STMicroelectronics TDA7501 Datasheet HTML 5Page - STMicroelectronics TDA7501 Datasheet HTML 6Page - STMicroelectronics TDA7501 Datasheet HTML 7Page - STMicroelectronics TDA7501 Datasheet HTML 8Page - STMicroelectronics TDA7501 Datasheet HTML 9Page - STMicroelectronics TDA7501 Datasheet HTML 10Page - STMicroelectronics TDA7501 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
TDA7501
Electrical specifications
7/29
VDCout
Output DC-voltage
pins 41..44
1.65
V
Rout
Output impedance OUT1L,
1R
pins 43..44
300
W
Output impedance OUT2L,
2R
pins 41..42
3
k
Ω
Quasi differential CD stereo input (non inverting)
Rin
Input resistance (see Fig. 2)
Differential
70
100
130
k
Ω
CMRR
Common mode rejection
ratio
VCM = 1VRMS @ 1kHz
45
70
dB
VCM = 1VRMS @ 10kHz
45
60
dB
VN
Output noise
20Hz - 20kHz; unweighted
2.0
μV
Differential phone/navigation/FM/AM input (inverting)
Rin
Input resistance (see Fig. 3)
35
50
65
k
Ω
CMRR
Common mode rejection
ratio
VCM = 1VRMS @ 1kHz
40
70
dB
VCM = 1VRMS @ 10kHz
40
60
dB
VN
Output noise
20Hz - 20kHz; unweighted
2.0
μV
AM IF input
Rin
Input resistance
35
50
65
k
Ω
Cassette input (non inverting)
Rin
Input resistance
70
100
130
k
Ω
VN
Output noise
20Hz - 20kHz; unweighted
2.0
μV
AM/FM level input
Rin
Input resistance
70
100
130
k
Ω
Vmin
Minimum input voltage
-0.4
V
Vmax
Maximum input voltage
7.0
V
Dual MPX control (pin tuner-)
VCTRLMPX1 Control voltage for MPX 1+2 MPX1 -> MPX1 + MPX2
1.5
V
VCTRLMPX2 Control voltage for MPX2
MPX1 + MPX1 -> MPX2
4.0
V
VCTRLMPX3 Control voltage for MPX 1+2 MPX2 -> MPX1 + MPX2
3.5
V
VCTRLMPX4 Control voltage for MPX1
MPX1 + MPX2 -> MPX2
1.0
V
Speaker outputs RLOAD = 10KW (AC)
Rin
Input impedance
35
50
65
k
Ω
GMAX
Max. gain
external reference mode
33
dB
Table 4.
Electrical characteristcs (continued)
(VDD = VS = 8.3V; V33 = 3.3V Tamb = 25°C; RL = 10kΩ; all gains = 0dB;
f = 1kHz; unless otherwise specified)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com