Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7501 Datasheet(PDF) 17 Page - STMicroelectronics

Part # TDA7501
Description  Line driver for digital car radio Signal processor (DSPLD)
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7501 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button TDA7501 Datasheet HTML 13Page - STMicroelectronics TDA7501 Datasheet HTML 14Page - STMicroelectronics TDA7501 Datasheet HTML 15Page - STMicroelectronics TDA7501 Datasheet HTML 16Page - STMicroelectronics TDA7501 Datasheet HTML 17Page - STMicroelectronics TDA7501 Datasheet HTML 18Page - STMicroelectronics TDA7501 Datasheet HTML 19Page - STMicroelectronics TDA7501 Datasheet HTML 20Page - STMicroelectronics TDA7501 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
TDA7501
SPI bus mode
17/29
7
SPI bus mode
7.1
Interface protocol
The TDA7501 SPI interface protocol comprises :
a subaddress and
a sequence of n databytes
each consisting of 8 bits (see Figure 14).
The interface accepts both a positiv (Cpol = 1, Cpha = 1) as well as a negativ (Cpol = 0,
Cpha = 0) clocking scheme. However, the data transmitted has to be valid on the rising
edges of the serial clock SCL.
Figure 14.
Timing diagram for the SPI bus mode.
Table 5.
Switching characteristics (SPI mode)
Figure 15.
Timing diagram for switching characteristic
Symbol
Parameter
Min.
Typ.
Max.
Unit
fSCLK
Serial input clock frequency (SCL)
0
4.0
MHz
Tsu
Serial data setup time
40
ns
Thld
Serial data hold time
40
ns
Twh
Serial clock high time width
100
ns
Twl
Serial clock low time width
100
ns
Tscl
Select (SEL) to select (SCL) falling setup time
200
ns
Trel
Select (SCL) to select (SEL) rising release time
200
ns
tr
Data rise time
2ms
tf
Data fall time
2ms
Tsh
Chip select high time
200
ns
SEL
SCL
Cpol=1
SCL
Cpol=0
SDA
SA3
SUBADDRESS
DATA
DATA-n
SA2
SA1
SA0
D7
D6
D5
D4
D3
D2
D1
D0
D7
D6
D5
D4
D3
D2
D1
D0
D00AU1209
SEL
SCL
SDA
SAx,Dy
Tscl
Tsu
Thld
Twh
Twl
Trel
Tsh
D00AU1208



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com