Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6685 Datasheet(PDF) 11 Page - STMicroelectronics

Part # PM6685
Description  Dual step-down main supply controller with auxilary voltages for notebook system power
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6685 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button PM6685 Datasheet HTML 7Page - STMicroelectronics PM6685 Datasheet HTML 8Page - STMicroelectronics PM6685 Datasheet HTML 9Page - STMicroelectronics PM6685 Datasheet HTML 10Page - STMicroelectronics PM6685 Datasheet HTML 11Page - STMicroelectronics PM6685 Datasheet HTML 12Page - STMicroelectronics PM6685 Datasheet HTML 13Page - STMicroelectronics PM6685 Datasheet HTML 14Page - STMicroelectronics PM6685 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
PM6685
Electrical characteristics
11/52
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Current limit and zero crossing comparator
ICSENSE
Input bias current limit
90
100
110
µA
Comparator offset
VCSENSE-VPGND
-6
6
mV
Zero crossing comparator offset VPGND-VPHASE
-1
11
mV
Fixed negative current limit
threshold
VPGND-VPHASE
-120
mV
On time pulse width
Ton
ON-time duration
FSEL to GND
OUT5=5V
1685
1985
2285
ns
OUT3=3.3V
780
920
1060
FSEL to
VREF
OUT5=5V
1115
1315
1515
OUT3=3.3V
585
690
795
FSEL to
LDO5
OUT5=5V
830
980
1130
OUT3=3.3V
470
555
640
OFF time
TOFFMIN
Minimum off time
400
500
ns
Voltage reference
VREF
Voltage accuracy
4.2V<VLDO5< 5.5V
1.224
1.237
1.249
V
Load regulation
-100µA< IREF < 100µA
-4
4
mV
Undervoltage lockout fault
threshold
Falling edge of REF
0.95
V
Integrator
COMP
Over voltage clamp
Normal mode
250
mV
Pulse skip mode
60
Under voltage clamp
-150
Line regulation
Both SMPS, 6V<Vin<28V(1)
0.004
%/V
LDO5 linear regulator
VLDO5
LDO5 linear output voltage
6V<VIN<28V, 0<ILDO5<50mA
4.9
5.0
5.1
V
LDO5 line regulation
6V< VIN < 28V, ILDO5 =50mA ,
LDO3_SEL tied to GND
0.004
%/V
ILDO5
LDO5 current limit
VLDO5 > UVLO, ILDO3=0A
VOUT5>5.1V, VOUT3>3.34V
270
350
400
mA
UVLO
Under voltage lockout of LDO5
3.94
4
4.13
V
Table 5.
Electrical characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com