Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6685 Datasheet(PDF) 37 Page - STMicroelectronics

Part # PM6685
Description  Dual step-down main supply controller with auxilary voltages for notebook system power
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6685 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button PM6685 Datasheet HTML 33Page - STMicroelectronics PM6685 Datasheet HTML 34Page - STMicroelectronics PM6685 Datasheet HTML 35Page - STMicroelectronics PM6685 Datasheet HTML 36Page - STMicroelectronics PM6685 Datasheet HTML 37Page - STMicroelectronics PM6685 Datasheet HTML 38Page - STMicroelectronics PM6685 Datasheet HTML 39Page - STMicroelectronics PM6685 Datasheet HTML 40Page - STMicroelectronics PM6685 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 52 page
background image
PM6685
Monitoring and protections
37/52
As general rule, high side MOSFETs with low gate charge are recommended, in order to
minimize driver losses.
Below there is a list of possible choices for the high side MOSFET.
The power dissipation of the low side MOSFET is given by:
Equation 19
Maximum conduction losses occur at the maximum input voltage:
Equation 20
Choose a synchronous rectifier with low RDSon. When high side MOSFET turns on, the fast
variation of the phase node voltage can bring up even the low side gate through its gate-
drain capacitance CRSS, causing cross-conduction problems. Choose a low side MOSFET
that minimizes the ratio CRSS/CGS (CGS = CISS - CRSS).
Below there is a list of some possible low side MOSFETs.
Dual n-channel MOSFETs can be used in applications with a maximum output current of
about 3 A. Below there is a list of some MOSFET manufacturers.
Table 14.
High side MOSFET manufacturer
Manufacturer
Type
Gate charge (nC)
Rated reverse voltage (V)
ST
STS12NH3LL
10
30
ST
STS17NH3LL
18
30
Table 15.
Low side MOSFET manufacturer
Manufacturer
Type
RDSon (mΩ)
Rated reverse voltage
(V)
ST
STS17NF3LL
5.5
0.047
30
ST
STS25NH3LL
3.5
0.011
30
conduction
DLowSide
P
P
=
2
LOAD
max
IN
OUT
DSon
conduction
(max)
I
V
V
1
R
P
×
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
−
×
=
GS
RSS
C
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com