Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6685 Datasheet(PDF) 24 Page - STMicroelectronics

Part # PM6685
Description  Dual step-down main supply controller with auxilary voltages for notebook system power
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6685 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button PM6685 Datasheet HTML 20Page - STMicroelectronics PM6685 Datasheet HTML 21Page - STMicroelectronics PM6685 Datasheet HTML 22Page - STMicroelectronics PM6685 Datasheet HTML 23Page - STMicroelectronics PM6685 Datasheet HTML 24Page - STMicroelectronics PM6685 Datasheet HTML 25Page - STMicroelectronics PM6685 Datasheet HTML 26Page - STMicroelectronics PM6685 Datasheet HTML 27Page - STMicroelectronics PM6685 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 52 page
background image
Device description
PM6685
24/52
Figure 30. Circuitry for output ripple compensation
The integrator amplifier generates a current, proportional to the DC errors, which decreases
the output voltage in order to compensate the total static error, including the voltage drop on
PCB traces. In addition, CINT provides an AC path for the output ripple. In steady state, the
voltage on COMP5/COMP3 pin is the sum of the reference voltage Vr and the output ripple
(see Figure 30). In fact when the voltage on the COMP pin reaches Vr, a fixed Ton begins
and the output increases.
For example, we consider VOUT=5V with an output ripple of ∆V=50mV. Considering
CINT>>CFILT, the CINT DC voltage drop VCINT is about 5V-Vr+25mV=4.125V. CINT ensures
an AC path for the output voltage ripple. Then the COMP pin ripple is a replica of the output
ripple, with a DC value of Vr+25mV=925mV.
For more details about the output ripple compensation network, see the paragraph “Closing
the integrator loop
” in the Design guidelines.
7.4
Pulse skip mode
If the SKIP pin is tied to ground, the device works in skip mode.
At light loads a zero-crossing comparator truncates the low-side switch on-time when the
inductor current becomes negative. In this condition the section works in discontinuous
conduction mode. The threshold between continuous and discontinuous conduction mode
is:
Equation 4
+
-
Vr
Vr
COMP
COMP
gm
gm
OUT
OUT
RFb1
RFb1
RFb2
RFb2
Vr
Vr
+
PWM
PWM
Comparator
Comparator
CINT
CINT
RINT
RINT
CFILT
CFILT
t
Vr
COUT
COUT
COMP PIN
VOLTAGE
L
L
D
D
OUTPUT VOLTAGE
I=gm(V1-Vr)
V1
V1
t
∆V
∆V
VCINT
VCINT
ROUT
ROUT
+
-
Vr
Vr
COMP
COMP
gm
gm
OUT
OUT
RFb1
RFb1
RFb2
RFb2
Vr
Vr
+
PWM
PWM
Comparator
Comparator
CINT
CINT
RINT
RINT
CFILT
CFILT
t
Vr
COUT
COUT
COMP PIN
VOLTAGE
L
L
D
D
OUTPUT VOLTAGE
I=gm(V1-Vr)
V1
V1
t
∆V
∆V
VCINT
VCINT
ROUT
ROUT
ON
OUT
IN
T
L
2
V
V
)
SKIP
(
ILOAD
×
×
−
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com