Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6685 Datasheet(PDF) 22 Page - STMicroelectronics

Part # PM6685
Description  Dual step-down main supply controller with auxilary voltages for notebook system power
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6685 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button PM6685 Datasheet HTML 18Page - STMicroelectronics PM6685 Datasheet HTML 19Page - STMicroelectronics PM6685 Datasheet HTML 20Page - STMicroelectronics PM6685 Datasheet HTML 21Page - STMicroelectronics PM6685 Datasheet HTML 22Page - STMicroelectronics PM6685 Datasheet HTML 23Page - STMicroelectronics PM6685 Datasheet HTML 24Page - STMicroelectronics PM6685 Datasheet HTML 25Page - STMicroelectronics PM6685 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 52 page
background image
Device description
PM6685
22/52
The values in the table are measured with Vin =12V, operation mode = PWM and Iload = 2A.
The other output are unloaded.
7.2
Constant on time architecture
Figure 29 on page 23
shows the simplified block diagram of a Constant On Time controller.
A minimum off-time constrain (380ns typ) is introduced to allow inductor valley current
sensing on the synchronous switch. A minimum on-time(150ns typ) is also introduced to
assure the start-up switching sequence.
PM6685 has a one-shot generator for each power section that turns on the high side
MOSFET when the following conditions are satisfied simultaneously: the PWM comparator
is high, the synchronous rectifier current is below the current limit threshold, and the
minimum off-time has timed out. Once the on-time has timed out, the high side switch is
turned off, while the synchronous switch is turned on according to the anti-cross conduction
circuitry management. When the negative input voltage at the PWM comparator, which is a
scaled-down replica of the output voltage ripple (see the Rfb1/Rfb2 divider in Figure 29),
reaches the valley limit (determined by internal reference Vr=0.9V), the low-side MOSFET is
turned off according to the anti-cross conduction logic once again, and a new cycle begins.
Table 6.
FSEL pin selection
FSEL
SMPS 5V
SMPS 3.3V
Frequency
KON
Frequency
KON
SGND
212kHz
4,7us
297,6kHz
3.36us
VREF
323kHz
3us
400kHz
2.5us
LDO5
432kHz
2.31us
500kHz
2.0us



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com