Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6685 Datasheet(PDF) 23 Page - STMicroelectronics

Part # PM6685
Description  Dual step-down main supply controller with auxilary voltages for notebook system power
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6685 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button PM6685 Datasheet HTML 19Page - STMicroelectronics PM6685 Datasheet HTML 20Page - STMicroelectronics PM6685 Datasheet HTML 21Page - STMicroelectronics PM6685 Datasheet HTML 22Page - STMicroelectronics PM6685 Datasheet HTML 23Page - STMicroelectronics PM6685 Datasheet HTML 24Page - STMicroelectronics PM6685 Datasheet HTML 25Page - STMicroelectronics PM6685 Datasheet HTML 26Page - STMicroelectronics PM6685 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 52 page
background image
PM6685
Device description
23/52
Figure 29. Constant ON-time block diagram
7.3
Output ripple compensation
In a classic Constant On Time control, the system regulates the valley value of the output
voltage and not the average value, as shown in Figure 28 on page 21. In this condition, the
output voltage ripple is source of a DC static error.
To compensate this error, an integrator network can be introduced in the control loop, by
connecting the output voltage to the COMP5/COMP3(for the 5V and 3.3V sections
respectively) pin through a capacitor CINT as in Figure 30 on page 24.
+
-
HS
HS
driver
driver
Level
Level
shifter
shifter
LS
LS
driver
driver
Q
Q
R
S
LDO5
LDO5
Q
R
S
PWM
PWM
Comparator
Comparator
Positive
Positive
Current Limit
Current Limit
Vr
Vr
+
-
Zero
Zero--cross.
cross.
Comp.
Comp.
bandgap
bandgap
1.236V
1.236V
SKIP
SKIP
VREF
VREF
PHASE
PHASE
PGND
PGND
LGATE
LGATE
HGATE
HGATE
BOOT
BOOT
CSENSE
CSENSE
COMP
COMP
gm
gm
OUT
OUT
RFb1
RFb1
RFb2
RFb2
Vr
Vr
Vr
Vr
+
+
-
Toff
Toff--min
min
Ton
Ton
+
-
VIN
VIN
0.5V
+
-
0.5V
+
-
0.25V
LDO5
LDO5
+
-
HS
HS
driver
driver
Level
Level
shifter
shifter
LS
LS
driver
driver
Q
Q
R
S
LDO5
LDO5
Q
R
S
PWM
PWM
Comparator
Comparator
Positive
Positive
Current Limit
Current Limit
Vr
Vr
+
-
Zero
Zero--cross.
cross.
Comp.
Comp.
bandgap
bandgap
1.236V
1.236V
SKIP
SKIP
VREF
VREF
PHASE
PHASE
PGND
PGND
LGATE
LGATE
HGATE
HGATE
BOOT
BOOT
CSENSE
CSENSE
COMP
COMP
gm
gm
OUT
OUT
RFb1
RFb1
RFb2
RFb2
Vr
Vr
Vr
Vr
+
+
-
+
-
Toff
Toff--min
min
Ton
Ton
+
-
VIN
VIN
0.5V
+
-
0.5V
+
-
0.5V
+
-
0.25V
+
-
0.25V
LDO5
LDO5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com