Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6685 Datasheet(PDF) 28 Page - STMicroelectronics

Part # PM6685
Description  Dual step-down main supply controller with auxilary voltages for notebook system power
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6685 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button PM6685 Datasheet HTML 24Page - STMicroelectronics PM6685 Datasheet HTML 25Page - STMicroelectronics PM6685 Datasheet HTML 26Page - STMicroelectronics PM6685 Datasheet HTML 27Page - STMicroelectronics PM6685 Datasheet HTML 28Page - STMicroelectronics PM6685 Datasheet HTML 29Page - STMicroelectronics PM6685 Datasheet HTML 30Page - STMicroelectronics PM6685 Datasheet HTML 31Page - STMicroelectronics PM6685 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 52 page
background image
Device description
PM6685
28/52
Equation 8
7.7
Soft start and soft end
Each switching section is enabled separately by asserting high EN5/EN3 pins respectively.
In order to realize the soft start, at the startup the overcurrent threshold is set 25% of the
nominal value and the undervoltage protection (see related sections) is disabled. The
controller starts charging the output capacitor working in current limit. The overcurrent
threshold is increased from 25% to 100% of the nominal value with steps of 25% every
700
µs (typ.). After 2.8ms (typ.) the undervoltage protection is enabled. The soft start time is
not programmable. A minimum capacitor CINT is required to ensure a soft start without any
overshoot on the output:
Equation 9
Figure 35. Soft start waveforms
When a switching section is turned off(EN5/EN3 pins low), the controller enters in soft end
mode. The output capacitor is discharged through an internal 16
Ω P-MOSFET switch; when
the output voltage reaches 0.3V, the low-side MOSFET turns on, keeping the output to
ground. The soft end time also depends on load condition.
DSon
NEG
R
mV
120
I
=
out
L
Lvalley
INT
C
2
I
4
I
uA
6
C
×
∆
+
≥
EN5/EN3
Current limit threshold
Switching output
Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com