Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6685 Datasheet(PDF) 34 Page - STMicroelectronics

Part # PM6685
Description  Dual step-down main supply controller with auxilary voltages for notebook system power
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6685 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button PM6685 Datasheet HTML 30Page - STMicroelectronics PM6685 Datasheet HTML 31Page - STMicroelectronics PM6685 Datasheet HTML 32Page - STMicroelectronics PM6685 Datasheet HTML 33Page - STMicroelectronics PM6685 Datasheet HTML 34Page - STMicroelectronics PM6685 Datasheet HTML 35Page - STMicroelectronics PM6685 Datasheet HTML 36Page - STMicroelectronics PM6685 Datasheet HTML 37Page - STMicroelectronics PM6685 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 52 page
background image
Monitoring and protections
PM6685
34/52
Equation 10
where fsw is the switching frequency, VIN is the input voltage, VOUT is the output voltage
and
∆IL is the selected inductor ripple current.
In order to prevent overtemperature working conditions, inductor must be able to provide an
RMS current greater than the maximum RMS inductor current ILRMS:
Equation 11
Where
∆IL(max) is the maximum ripple current:
Equation 12
If hard saturation inductors are used, the inductor saturation current should be much greater
than the maximum inductor peak current Ipeak:
Equation 13
Using soft saturation inductors it’s possible to choose inductors with saturation current limit
nearly to Ipeak.
Below there is a list of some inductor manufacturers.
Table 11.
Inductor manufacturer
Manufacturer
Series
Inductor value (uH)
RMS current (A)
Saturation current (A)
COILCRAFT
SER1360
4 to 8
6 to 8.6
7 to 12
COILCRAFT
MLC
2.2 to 4.5
13.6 to 8.8
11.5 to 17
TDK
RLF12560
2.7 to 10
7.5 to 11.5
7.5 to 14.4
IN
OUT
L
sw
OUT
IN
V
V
I
f
V
V
L
×
∆
×
−
=
12
(max))
I
(
(max))
I
(
I
2
L
2
LOAD
LRMS
∆
+
=
max
IN
OUT
sw
OUT
max
IN
L
V
V
L
f
V
V
(max)
I
×
×
−
=
∆
2
(max)
I
(max)
I
Ipeak
L
LOAD
∆
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com