Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6685 Datasheet(PDF) 45 Page - STMicroelectronics

Part # PM6685
Description  Dual step-down main supply controller with auxilary voltages for notebook system power
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6685 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button PM6685 Datasheet HTML 41Page - STMicroelectronics PM6685 Datasheet HTML 42Page - STMicroelectronics PM6685 Datasheet HTML 43Page - STMicroelectronics PM6685 Datasheet HTML 44Page - STMicroelectronics PM6685 Datasheet HTML 45Page - STMicroelectronics PM6685 Datasheet HTML 46Page - STMicroelectronics PM6685 Datasheet HTML 47Page - STMicroelectronics PM6685 Datasheet HTML 48Page - STMicroelectronics PM6685 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 52 page
background image
PM6685
Design example
45/52
10
Design example
The following design example considers an input voltage from 7V to 16V. The two switching
outputs must deliver a maximum current of 5A. The selected switching frequencies are
200kHz for the 5V section and 300kHz for the 3.3V section.
10.1
Inductor selection
OUT5: ILOAD= 5A, 60% ripple current.
Equation 34
We choose standard value L = 6 uH
∆I
L(max) = 2.86A @VIN =16V
ILRMS = 5.07A
Ipeak = 5A + 0.95A = 6.43A
OUT3: ILOAD = 5A, 50% ripple current.
Equation 35
We choose standard value L=4 uH.
∆I
L(max) = 2.2A @VIN =16V
ILRMS = 5.04A
Ipeak = 5A + 1.1A = 6.1A
10.2
Output capacitor selection
We would like to have an output ripple greater than 35mV.
OUT5: POSCAP 6TPB330M
OUT3: POSCAP 6TPB330M
H
7
.
5
5
6
.
0
V
16
KHz
200
)
V
5
V
16
(
V
5
L
µ
≈
⋅
⋅
⋅
−
⋅
=
H
52
.
3
5
5
.
0
V
16
KHz
300
)
33
.
3
16
(
33
.
3
L
µ
≈
⋅
⋅
⋅
−
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com