Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6685 Datasheet(PDF) 35 Page - STMicroelectronics

Part # PM6685
Description  Dual step-down main supply controller with auxilary voltages for notebook system power
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6685 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button PM6685 Datasheet HTML 31Page - STMicroelectronics PM6685 Datasheet HTML 32Page - STMicroelectronics PM6685 Datasheet HTML 33Page - STMicroelectronics PM6685 Datasheet HTML 34Page - STMicroelectronics PM6685 Datasheet HTML 35Page - STMicroelectronics PM6685 Datasheet HTML 36Page - STMicroelectronics PM6685 Datasheet HTML 37Page - STMicroelectronics PM6685 Datasheet HTML 38Page - STMicroelectronics PM6685 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 52 page
background image
PM6685
Monitoring and protections
35/52
8.8
Output capacitor
The selection of the output capacitor is based on the ESR value Rout and the voltage rating
rather than on the capacitor value Cout.
The output capacitor has to satisfy the output voltage ripple requirements. Lower inductor
value can reduce the size of the choke but increases the inductor current ripple
∆IL.
Since the voltage ripple VRIPPLEout is given by:
Equation 14
A low ESR capacitor is required to reduce the output voltage ripple. Switching sections can
work correctly even with 20mV output ripple.
However, to reduce jitter noise between the two switching sections it’s preferable to work
with an output voltage ripple greater than 30mV. If lower output ripple is required, a further
compensation network is needed (see Closing the integrator loop paragraph).
Finally the output capacitor choice deeply impacts on the load transient response (see Load
transient response
paragraph). Below there is a list of some capacitor manufacturers.
8.9
Input capacitors selection
In a buck topology converter the current that flows into the input capacitor is a pulsed current
with zero average value. The input RMS current of the two switching sections can be roughly
estimated as follows:
Equation 15
Where D1, D2 are the duty cycles and I1, I2 are the maximum load currents of the two
sections.
Input capacitor should be chosen with an RMS rated current higher than the maximum RMS
current given by both sections.
Table 12.
Output capacitor manufacturer
Manufacturer
Series
Capacitor value
(
µF)
Rated voltage (V)
ESR max (m
Ω)
SANYO
POSCAP
TPB,TPD
150 to 330
4 to 6.3
35 to 65
PANASONIC
SPCAP UD, UE
150 to 220
4 to 6.3
9 to 18
L
out
RIPPLEout
I
R
V
∆
×
=
)
D
1
(
I
D
)
D
1
(
I
D
I
2
2
2
2
1
2
1
1
CinRMS
−
×
×
+
−
×
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com