Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6685 Datasheet(PDF) 43 Page - STMicroelectronics

Part # PM6685
Description  Dual step-down main supply controller with auxilary voltages for notebook system power
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6685 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button PM6685 Datasheet HTML 39Page - STMicroelectronics PM6685 Datasheet HTML 40Page - STMicroelectronics PM6685 Datasheet HTML 41Page - STMicroelectronics PM6685 Datasheet HTML 42Page - STMicroelectronics PM6685 Datasheet HTML 43Page - STMicroelectronics PM6685 Datasheet HTML 44Page - STMicroelectronics PM6685 Datasheet HTML 45Page - STMicroelectronics PM6685 Datasheet HTML 46Page - STMicroelectronics PM6685 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 52 page
background image
PM6685
Other parts design
43/52
9
Other parts design
●
VIN filter
A VIN pin low pass filter is suggested to reduce switching noise. The low pass filter is
shown in the next figure:
Figure 38. VIN pin filter
Typical components values are: R=3.9
Ω and C=4.7uF.
●
VCC filter
A VCC low pass filter helps to reject switching commutations noise:
Figure 39. Inductor current waveforms
Typical components values are: R=47
Ω and C=1uF.
●
VREF capacitor
A 10nF to 100nF ceramic capacitor on VREF pin must be added to ensure noise
rejection.
●
LDO3 and LDO5 output capacitors
Bypass the output of each linear regulator with 1uF ceramic capacitor closer to the LDO pin
and a 4.7uF tantalum capacitor (ESR=2
Ω). In most applicative conditions a 4.7uF ceramic
output capacitor can be enough to ensure stability.
V
VIIN
N
1
10
00
0p
pF
F
R
R
Input
voltage
C
C
V
VC
CC
C
R
R
C
C
L
LD
DO
O5
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com