Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6685 Datasheet(PDF) 33 Page - STMicroelectronics

Part # PM6685
Description  Dual step-down main supply controller with auxilary voltages for notebook system power
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6685 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button PM6685 Datasheet HTML 29Page - STMicroelectronics PM6685 Datasheet HTML 30Page - STMicroelectronics PM6685 Datasheet HTML 31Page - STMicroelectronics PM6685 Datasheet HTML 32Page - STMicroelectronics PM6685 Datasheet HTML 33Page - STMicroelectronics PM6685 Datasheet HTML 34Page - STMicroelectronics PM6685 Datasheet HTML 35Page - STMicroelectronics PM6685 Datasheet HTML 36Page - STMicroelectronics PM6685 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 52 page
background image
PM6685
Monitoring and protections
33/52
8.5
Design guidelines
The design of a switching section starts from two parameters:
●
Input voltage range: in notebook applications it varies from the minimum battery
voltage, VINmin to the AC adapter voltage, VINmax.
●
Maximum load current: it is the maximum required output current, ILOAD(max).
8.6
Switching frequency
It’s possible to set 3 different working frequency ranges for the two sections:
200kHz/300kHz, 400kHz/500kHz, 600kHz/700kHz with FSEL pin.
Switching frequency mainly influences two parameters:
●
Inductor size: for a given saturation current and RMS current, greater frequency allows
to use lower inductor values, which means smaller size.
●
Efficiency: switching losses are proportional to frequency. High frequency generally
involves low efficiency.
8.7
Inductor selection
Once that switching frequency is defined, inductor selection depends on the desired
inductor ripple current and load transient performance.
Low inductance means great ripple current and could generate great output noise. On the
other hand, low inductor values involve fast load transient response.
A good compromise between the transient response time, the efficiency, the cost and the
size is to choose the inductor value in order to maintain the inductor ripple current
∆IL
between 20% and 50% of the maximum output current ILOAD(max). The maximum
∆IL
occurs at the maximum input voltage. With this considerations, the inductor value can be
calculated with the following relationship:
Table 10.
Protections and operatives modes
Mode
Conditions
Description
Overvoltage
protection
OUT5/OUT3 > 115% of the
nominal value
LGATE5/LGATE3 pin is forced high, LDO5 remains
active. Exit by a power on reset or toggling SHDN or
EN5/EN3
Undervoltage
protection
OUT5/OUT3 < 70% of the
nominal value
LGATE5/LGATE3 is forced high after the soft end
mode, LDO5 remains active. Exit by a power on reset
or toggling SHDN or EN5/EN3
Thermal
shutdown
TJ > +150°C
All circuitry off. Exit by a POR on VIN or toggling
SHDN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com