Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6685 Datasheet(PDF) 27 Page - STMicroelectronics

Part # PM6685
Description  Dual step-down main supply controller with auxilary voltages for notebook system power
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6685 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button PM6685 Datasheet HTML 23Page - STMicroelectronics PM6685 Datasheet HTML 24Page - STMicroelectronics PM6685 Datasheet HTML 25Page - STMicroelectronics PM6685 Datasheet HTML 26Page - STMicroelectronics PM6685 Datasheet HTML 27Page - STMicroelectronics PM6685 Datasheet HTML 28Page - STMicroelectronics PM6685 Datasheet HTML 29Page - STMicroelectronics PM6685 Datasheet HTML 30Page - STMicroelectronics PM6685 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 52 page
background image
PM6685
Device description
27/52
Figure 34. Current waveforms in current limit conditions
Being fixed the valley threshold, the greater the current ripple is, greater the DC output
current is
The valley current limit can be set with resistor RCSENSE:
Equation 6
Where ICSENSE = 100uA, RDSon is the drain-source on resistance of the low side switch.
Consider the temperature effect and the worst case value in RDSon calculation.
The accuracy of the valley current threshold detection depends on the offset of the internal
comparator (
∆V
OFF) and on the accuracy of the current generator(∆ICSENSE):
Equation 7
Where RSNS is the sensing element (RDSon).
PM6685 provides also a fixed negative peak current limit to prevent an excessive reverse
inductor current when the switching section sinks current from the load in PWM mode. This
negative current limit threshold is measured between PHASE and SGND pins, comparing
the magnitude drop on the PHASE node during the conduction time of the low side
MOSFET with an internal fixed voltage of 120mV.
If the current is sensed on the low side MOSFET, the negative valley-current limit INEG (if
the device works in PWM mode) is given by:
Inductor current
Valley current threshold
DC current limit = maximum load
Current
Time
Maximum load current
is influenced by the
inductor current ripple
CSENSE
Lvalley
DSon
CSENSE
I
I
R
R
×
=
SNS
SNS
CSENSE
CSENSE
CSENSE
CSENSE
OFF
CSENSE
CSENSE
Lvalley
Lvalley
R
R
R
R
100
I
R
V
I
I
I
I
∆
+
∆
+
⎥
⎦
⎤
⎢
⎣
⎡
×
×
∆
+
∆
=
∆



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com