Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3800 Datasheet(PDF) 122 Page - STMicroelectronics

Part # ADE3800
Description  Analog LCD Display Engine for XGA and SXGA Resolutions with Embedded LVDS and RSDS Transmitters
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3800 Datasheet(HTML) 122 Page - STMicroelectronics

Back Button ADE3800 Datasheet HTML 118Page - STMicroelectronics ADE3800 Datasheet HTML 119Page - STMicroelectronics ADE3800 Datasheet HTML 120Page - STMicroelectronics ADE3800 Datasheet HTML 121Page - STMicroelectronics ADE3800 Datasheet HTML 122Page - STMicroelectronics ADE3800 Datasheet HTML 123Page - STMicroelectronics ADE3800 Datasheet HTML 124Page - STMicroelectronics ADE3800 Datasheet HTML 125Page - STMicroelectronics ADE3800 Datasheet HTML 126Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 138 page
background image
Register Description by Block
ADE3800
122/138
I2CBKT_DES_L = 00, I2CBKT_DES_U = 17: destination start address (OSD_RAM) where the data
will be written
I2CBKT_INC = 02: skip every other byte
I2CBKT_DESLEN_L = FF, I2CBKT_DESLEN_U = 5F: (46FF-1700+1) = 12288 bytes to transfer
means destination length = (12288 x increment) - 1 = 5FFF
I2CBKT_CTRL = 05: immediate transfer with source+1 and destination+2
4.22 I²C Registers and RAM Addresses
The I2C own address of the device (also called “ADE_ID”) is A8h.
4.22.1 I2C Transfer Format
All I2C addresses, registers and RAM, are 16-bit wide.
Address LSB must be transferred first, followed by MSB then the data, as in the following I2C
write access example:
4.22.2 Dedicated RAM Areas per Block
4.22.3 Multi-byte Registers
Data are read back in the order of how they were written.
All values spread out over several registers are organised as follows:
Start
ADE_ID
(A8)
Acka
a. All Ack bits are returned by the device.
Register
Address
LSB
Ack
Register
Address
MSB
Ack
Data 1
Ack
...further data...
Stop
Table 45: I²C RAM Addresses
Name
Description
Block
Clock
Conditiona
a. The relevant clock condition must be met to grant access to that block’s registers and RAM.
Start
Addr
End
Addr
Size
Size in
Bytes
GAM_R
Gamma Red LUT
GAMMA
dotclk >= sclk
1000
10FF
256x8b
256
GAM_G
Gamma Green LUT
1100
11FF
256x8b
256
GAM_B
Gamma Blue LUT
1200
12FF
256x8b
256
OSD_RAM
Characters RAM Area
OSD
1700
46FF
4096x24b
12288
OSD_CLUT
Color LUT
4700
47FF
64x32b
256
SCL_RAM_1
Line Buffers
SCL
sclk >= xclk
9000
A700
1024x42b
n/a
SCL_RAM_2
A800
BFFF
1024x42b
n/a
OMUX
In RSDS Mode onlyb
b. In RSDS mode: OMUX uses this RAM area for internal computation purposes, it should not be
otherwise modified by any means.
In LVDS mode, this RAM is free of use, and can be used as a temporary storage or working area for
example.
OMUX
dotclk >= sclk
E300
F1FF
640x48b
3840



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com