Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3800 Datasheet(PDF) 125 Page - STMicroelectronics

Part # ADE3800
Description  Analog LCD Display Engine for XGA and SXGA Resolutions with Embedded LVDS and RSDS Transmitters
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3800 Datasheet(HTML) 125 Page - STMicroelectronics

Back Button ADE3800 Datasheet HTML 121Page - STMicroelectronics ADE3800 Datasheet HTML 122Page - STMicroelectronics ADE3800 Datasheet HTML 123Page - STMicroelectronics ADE3800 Datasheet HTML 124Page - STMicroelectronics ADE3800 Datasheet HTML 125Page - STMicroelectronics ADE3800 Datasheet HTML 126Page - STMicroelectronics ADE3800 Datasheet HTML 127Page - STMicroelectronics ADE3800 Datasheet HTML 128Page - STMicroelectronics ADE3800 Datasheet HTML 129Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 138 page
background image
125/138
ADE3800
Electrical Specifications
IPVDD18X75LVDS
PVDD18 Supply Current, (XGA75Hz input and XGA LVDS
panel)
5mA
IPLLVDD18X75LVDS
PLLVDD18 Supply Current, (XGA75Hz input and XGA LVDS
panel)
2.5
mA
IDVDD33X75LVDS
DVDD33 Supply Current, (XGA75Hz input and XGA LVDS
panel)
2mA
IAVDDX75RSDS
AVDD Supply Current, (XGA75Hz input and XGA RSDS panel)
220
mA
IDVDD18X75RSDS
DVDD18 Supply Current, (XGA75Hz input and XGA RSDS
panel)
150
mA
IXVDD18X75RSDS
XVDD18 Supply Current, (XGA75Hz input and XGA RSDS
panel)
2.5
mA
IOVDD18X75RSDS
OVDD18 Supply Current, (XGA75Hz input and XGA RSDS
panel)
10
mA
IPVDD18X75RSDS
PVDD18 Supply Current, (XGA75Hz input and XGA RSDS
panel)
5mA
IPLLVDD18X75RS
DS
PLLVDD18 Supply Current, (XGA75Hz input and XGA RSDS
panel)
2.5
mA
IDVDD33X75RSDS
DVDD33 Supply Current, (XGA75Hz input and XGA RSDS
panel)
2mA
IAVDDSX75LVDS
AVDD Supply Current, (SXGA75Hz input and SXGA LVDS
panel)
225
mA
IDVDD18SX75LVDS
DVDD18 Supply Current, (SXGA75Hz input and SXGA LVDS
panel)
260
mA
IXVDD18SX75LVDS
XVDD18 Supply Current, (SXGA75Hz input and SXGA LVDS
panel)
2.5
mA
IOVDD18SX75LVDS
OVDD18 Supply Current, (SXGA75Hz input and SXGA LVDS
panel)
70
mA
IPVDD18SX75LVDS
PVDD18 Supply Current, (SXGA75Hz input and SXGA LVDS
panel)
5mA
IPLLVDD18SX75LV
DS
PLLVDD18 Supply Current, (SXGA75Hz input and SXGA LVDS
panel)
2.5
mA
IDVDD33SX75LVDS
DVDD33 Supply Current, (SXGA75Hz input and SXGA LVDS
panel)
3.5
mA
IAVDDSX75RSDS
AVDD Supply Current, (SXGA75Hz input and SXGA RSDS
panel)
225
mA
IDVDD18SX75RSDS
DVDD18 Supply Current, (SXGA75Hz input and SXGA RSDS
panel)
250
mA
IXVDD18SX75RSDS
XVDD18 Supply Current, (SXGA75Hz input and SXGA RSDS
panel)
2.5
mA
IOVDD18SX75RSDS
OVDD18 Supply Current, (SXGA75Hz input and SXGA RSDS
panel)
20
mA
IPVDD18SX75RSDS
PVDD18 Supply Current, (SXGA75Hz input and SXGA RSDS
panel)
5mA
IPLLVDD18SX75R
SDS
PLLVDD18 Supply Current, (SXGA75Hz input and SXGA RSDS
panel)
2.5
mA
IDVDD33SX75RSDS
DVDD33 Supply Current, (SXGA75Hz input and SXGA RSDS
panel)
3.5
mA
Symbol
Parameter
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com