Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3800 Datasheet(PDF) 128 Page - STMicroelectronics

Part # ADE3800
Description  Analog LCD Display Engine for XGA and SXGA Resolutions with Embedded LVDS and RSDS Transmitters
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3800 Datasheet(HTML) 128 Page - STMicroelectronics

Back Button ADE3800 Datasheet HTML 124Page - STMicroelectronics ADE3800 Datasheet HTML 125Page - STMicroelectronics ADE3800 Datasheet HTML 126Page - STMicroelectronics ADE3800 Datasheet HTML 127Page - STMicroelectronics ADE3800 Datasheet HTML 128Page - STMicroelectronics ADE3800 Datasheet HTML 129Page - STMicroelectronics ADE3800 Datasheet HTML 130Page - STMicroelectronics ADE3800 Datasheet HTML 131Page - STMicroelectronics ADE3800 Datasheet HTML 132Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 138 page
background image
Electrical Specifications
ADE3800
128/138
5.7
ADC Characteristics
VRSDS-CM
RSDS Common Mode Output
Voltage
680 ohm + 50 ohm external
termination to 1.3V
1.1
1.3
1.5
V
Trise, Tfall
RSDS Transition Time to 90%
CL = 30pF
3ns
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
INL
ADC Integral Nonlinearity (7-bit)
Without Dithering
0.6
1.0
1.5
LSB
DNL
ADC Differential Nonlinearity (7-
bit)
Without Dithering
No missing codes
0.3
0.6
1.0
LSB
Σ
NOB
Effective Number of Bits
VINADC = 1MHz
sinusoidal, 0.5VPP - 1VPP,
FSAMPLING = 20 MHz
6.2
6.6
6.8
Bit
THD
Total Harmonic Distortion
VINADC = 1MHz
sinusoidal, 0.5VPP - 1VPP
FSAMPLING = 20 MHz
-48
-44
-41
dB
VINADC
ADC Input Voltage Range
0.5
1
Vp-p
RINADC
ADC Input Resistance
200
Kohms
CINADC
ADC Input Capacitance
12
pF
FADC
ADC Sample Frequency
20
140
MHz
ADC gain step
ADC Gain Step Size
0.05
dB
ADC offset step
ADC Offset Step Size
2.9
mV
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com