Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3800 Datasheet(PDF) 130 Page - STMicroelectronics

Part # ADE3800
Description  Analog LCD Display Engine for XGA and SXGA Resolutions with Embedded LVDS and RSDS Transmitters
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3800 Datasheet(HTML) 130 Page - STMicroelectronics

Back Button ADE3800 Datasheet HTML 126Page - STMicroelectronics ADE3800 Datasheet HTML 127Page - STMicroelectronics ADE3800 Datasheet HTML 128Page - STMicroelectronics ADE3800 Datasheet HTML 129Page - STMicroelectronics ADE3800 Datasheet HTML 130Page - STMicroelectronics ADE3800 Datasheet HTML 131Page - STMicroelectronics ADE3800 Datasheet HTML 132Page - STMicroelectronics ADE3800 Datasheet HTML 133Page - STMicroelectronics ADE3800 Datasheet HTML 134Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 138 page
background image
Package Mechanical Data
ADE3800
130/138
6.2
128 Pin LQFP
Note:
The Pin 1 corner is at an angle, while the others are 90°.
L1
1.00
0.039
K
0
3.5
7
0
0.138
0.276
ccc
0.08
0.003
Dimensions (mm)
Dimensions (inches)
Min.
Typ.
Max.
Min.
Typ.
Max.
A
1.600
0.063
A1
0.150
0.006
A2
1.400
1.350
1.450
0.055
0.053
0.057
b
0.220
0.170
0.270
0.009
0.007
0.011
D
22.000
0.866
D1
20.000
0.787
D2
3.9
0.154
Dimensions (mm)
Dimensions (inches)
Min.
Typ.
Max.
Min.
Typ.
Max.
D2
E2
D
D1
b
e
Pin 1 Identification
11/13°
E1
E
A2
A1
Gauge Plane
0.25 mm.
K
0° Min.
0.08/0.20 R.
0.08 R. Min.
L
L1
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com