Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3800 Datasheet(PDF) 134 Page - STMicroelectronics

Part # ADE3800
Description  Analog LCD Display Engine for XGA and SXGA Resolutions with Embedded LVDS and RSDS Transmitters
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3800 Datasheet(HTML) 134 Page - STMicroelectronics

Back Button ADE3800 Datasheet HTML 130Page - STMicroelectronics ADE3800 Datasheet HTML 131Page - STMicroelectronics ADE3800 Datasheet HTML 132Page - STMicroelectronics ADE3800 Datasheet HTML 133Page - STMicroelectronics ADE3800 Datasheet HTML 134Page - STMicroelectronics ADE3800 Datasheet HTML 135Page - STMicroelectronics ADE3800 Datasheet HTML 136Page - STMicroelectronics ADE3800 Datasheet HTML 137Page - STMicroelectronics ADE3800 Datasheet HTML 138Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 134 / 138 page
background image
ADE3800 vs ADE3700
ADE3800
134/138
Sync Mux (SMUX)
● Set/Reset replaced by Pos/Size references
● Add Vtrigger to make framelock reference in the center of the frame, allowing easier artifact
free implementation on wide picture position changes
Data Measurement (DMEAS)
● Scratch pad register removed
● DMEAS uses only the 7 MSB Color data information for processing
Scaler Zoom (SCALE)
● Simpler kernel programming, fewer registers
● New context sensitive scaler function
● H & V Sharpness control
● Includes former OSEQ functionality
● TCON generates the panel output and reference internal signals
Pattern Generator (PGEN)
● Only one pattern engine (P0); P1 is input video
● TCON Windowing control added
Color Transformations (SRGB)
● 2x and 4x Delta magnification options added
● RGB programmable max clipping function added
Gamma Correction (GAM)
● 10 bit input and 10 bit output with bypass option
● Relative 8 bit 2s-complement value delta tables (3x256)
● 2x Delta magnification option, with limiting
● RGB Offset within an input range option available
On Screen Display (OSD)
● New concept
● Support 1,2,3,4 bpp characters
● 64 True color palette with 4 bit alpha blending per color
● Common RAM shared between text and font
● Text can be displayed anywhere on the screen
● OSD Position is in pixel and line unit
● Per character H and V flip



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com