Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3800 Datasheet(PDF) 135 Page - STMicroelectronics

Part # ADE3800
Description  Analog LCD Display Engine for XGA and SXGA Resolutions with Embedded LVDS and RSDS Transmitters
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3800 Datasheet(HTML) 135 Page - STMicroelectronics

Back Button ADE3800 Datasheet HTML 130Page - STMicroelectronics ADE3800 Datasheet HTML 131Page - STMicroelectronics ADE3800 Datasheet HTML 132Page - STMicroelectronics ADE3800 Datasheet HTML 133Page - STMicroelectronics ADE3800 Datasheet HTML 134Page - STMicroelectronics ADE3800 Datasheet HTML 135Page - STMicroelectronics ADE3800 Datasheet HTML 136Page - STMicroelectronics ADE3800 Datasheet HTML 137Page - STMicroelectronics ADE3800 Datasheet HTML 138Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 135 / 138 page
background image
135/138
ADE3800
ADE3800 vs ADE3700
● Up to 1024 character support
Flicker Detector (FLICKER)
● Only 4 of the 8 scores are measured in one shot
● Output Dithering (APC)
● New design
● Mode flexibility and performance improved
● LSB justified (for 6 bit output, MSBs are zero)
Output Mux (OMUX)
● Per Pin Delay removed
● Gate Speed monitoring register removed
● Bit rotate function added
Timing Controller (TCON)
● Simplified, easier programming
● Common functions hardcoded
● Easy to use LC Polarity Inversion signal generator
● 16 SRTD gates vs 32 in ADE 3700
● Scaler Output Data Enable signal must come from TCON (no OSEQ block anymore)
● No OCF control anymore
● Resync on H or V Sync edges no longer needed
● Comparator, Pulse and Window generators
LVDS/RSDS (new block added)
● Skew control
● 40-85 MHz clock range
● Flexible output mapping
● Pair swap, bit sequence reversing option



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com